Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHF484 Datasheet(PDF) 13 Page - STMicroelectronics

Part # RHF484
Description  Rad-hard precision quad operational amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF484 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button RHF484 Datasheet HTML 9Page - STMicroelectronics RHF484 Datasheet HTML 10Page - STMicroelectronics RHF484 Datasheet HTML 11Page - STMicroelectronics RHF484 Datasheet HTML 12Page - STMicroelectronics RHF484 Datasheet HTML 13Page - STMicroelectronics RHF484 Datasheet HTML 14Page - STMicroelectronics RHF484 Datasheet HTML 15Page - STMicroelectronics RHF484 Datasheet HTML 16Page - STMicroelectronics RHF484 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
RHF484
Achieving good stability at low gain
Doc ID 17351 Rev 1
13/18
3
Achieving good stability at low gain
At low frequencies, the RHF484 can be used in a low gain configuration as shown in
Figure 24. At lower frequencies, the stability is not affected by the value of the gain, which
can be set close to 1 V/V (0 dB), and is reduced to its simplest expression G1=1+Rfb/Rg.
Therefore, an R-C cell is added in the gain network so that the gain is increased (up to 5) at
higher frequencies (where the stability of the amplifier could be affected). At higher
frequencies, the gain becomes G2=1+Rfb/(Rg//R).
Rg becomes a complex impedance. The closed-loop gain features a variation in frequency
and can be expressed as:
where a pole appears at 1/2
πRC and a zero at G1/2π(G1R+Rfb)C. The frequency can be
plotted as shown in Figure 25.
Figure 24.
Low gain configuration
Figure 25.
Closed-loop gain
Table 6.
External components versus low-frequency gain
G1 (V/V)
R (
Ω)C (nF)
Rg (
Ω)Rfb (Ω)
1.1
510
1
20k
2k
2510
1
2k
2k
3510
1
1k
2k
4
510
1
750
2.4k
5
Not connected
Not connected
820
3.3k
Gain
G1
1jC
ω
G1R
Rfb
+
G1
-----------------------------
⎝⎠
⎛⎞
×
+
1
jCR
ω
+
-------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com