Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321MP Datasheet(PDF) 9 Page - STMicroelectronics

Part # STA321MP
Description  Scalable digital microphone processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MP Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STA321MP Datasheet HTML 5Page - STMicroelectronics STA321MP Datasheet HTML 6Page - STMicroelectronics STA321MP Datasheet HTML 7Page - STMicroelectronics STA321MP Datasheet HTML 8Page - STMicroelectronics STA321MP Datasheet HTML 9Page - STMicroelectronics STA321MP Datasheet HTML 10Page - STMicroelectronics STA321MP Datasheet HTML 11Page - STMicroelectronics STA321MP Datasheet HTML 12Page - STMicroelectronics STA321MP Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
STA321MP
Pin connections
Doc ID 022647 Rev 1
9/50
Table 2.
Pin description: TQFP-64 (STA321MPL)
Pin
number
Type
Name
Description
1
5-V tolerant TTL input buffer
PDM_CLK
PDM I/F CLK
6
5-V tolerant TTL input buffer
PDMIN_6
PDM input channel 6
7
5-V tolerant TTL input buffer
PDMIN_5
PDM input channel 5
8
5-V tolerant TTL input buffer
PDMIN_4
PDM input channel 4
9
5-V tolerant TTL input buffer
PDMIN_3
PDM input channel 3
10
5-V tolerant TTL input buffer
PDMIN_2
PDM input channel 2
11
5-V tolerant TTL input buffer
PDMIN_1
PDM input channel 1
15
5-V tolerant TTL Schmitt trigger input buffer
RESET
Global reset
16
CMOS input buffer with pull-down
PLLB
Bypass phase-locked loop
18
Bidirectional buffer: 5-V tolerant TTL Schmitt
trigger input; 3.3-V capable 2 mA slew-rate
controlled output
SDA
Serial data (I2C)
19
5-V tolerant TTL Schmitt trigger input buffer
SCL
Serial clock (I2C)
20
5-V tolerant TTL Schmitt trigger input buffer
XTI
Crystal oscillator input (clock input)
21
Analog pad
FILTER_PLL
PLL filter
22
3.3-V analog supply voltage
VDDA
PLL supply
23
Analog ground
GNDA
PLL ground
25
3.3-V capable TTL tristate 4 mA output buffer CKOUT
Clock output
29
3.3-V capable TTL 2 mA output buffer
OUT8B
PWM channel 8 output B
30
3.3-V capable TTL 2 mA output buffer
OUT8A
PWM channel 8 output A
31
3.3-V capable TTL 2 mA output buffer
OUT7B
PWM channel 7 output B
32
3.3-V capable TTL 2 mA output buffer
OUT7A
PWM channel 7 output A
33
3.3-V capable TTL 2 mA output buffer
OUT6B
PWM channel 6 output B
34
3.3-V capable TTL 2 mA output buffer
OUT6A
PWM channel 6 output A
38
3.3-V capable TTL 2 mA output buffer
OUT5B
PWM channel 5 output B
39
3.3-V capable TTL 2 mA output buffer
OUT5A
PWM channel 5 output A
40
3.3-V capable TTL 2 mA output buffer
OUT4B
PWM channel 4 output B
41
3.3-V capable TTL 2 mA output buffer
OUT4A
PWM channel 4 output A
42
3.3-V capable TTL 2 mA output buffer
OUT3B
PWM channel 3 output B
43
3.3-V capable TTL 2 mA output buffer
OUT3A
PWM channel 3 output A
47
3.3-V capable TTL 2 mA output buffer
OUT2B
PWM channel 2 output B
48
3.3-V capable TTL 2 mA output buffer
OUT2A
PWM channel 2 output A
49
3.3-V capable TTL 2 mA output buffer
OUT1B
PWM channel 1 output B
50
3.3-V capable TTL 2 mA output buffer
OUT1A
PWM channel 1 output A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com