Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321MP Datasheet(PDF) 22 Page - STMicroelectronics

Part # STA321MP
Description  Scalable digital microphone processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MP Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STA321MP Datasheet HTML 18Page - STMicroelectronics STA321MP Datasheet HTML 19Page - STMicroelectronics STA321MP Datasheet HTML 20Page - STMicroelectronics STA321MP Datasheet HTML 21Page - STMicroelectronics STA321MP Datasheet HTML 22Page - STMicroelectronics STA321MP Datasheet HTML 23Page - STMicroelectronics STA321MP Datasheet HTML 24Page - STMicroelectronics STA321MP Datasheet HTML 25Page - STMicroelectronics STA321MP Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
Registers
STA321MP
22/50
Doc ID 022647 Rev 1
Setting the DSPB bit bypasses the biquad function of the FFX core.
Application example:
External clock: XTI=11.2896 MHz
COS[1,0] = 10: CKOUT= 90.3168 MHz / 8 = 11.2896 MHz
External Dual Flip Flop PDM I/F = CKOUT/4 = 2.8224 MHz, also provided to the
microphones
MCS[2:0]= 011: XTI /Fs = 4
Bit
RW
RST
Name
Description
0
RW
0
DSPB
DSP bypass bit:
0: normal operation
1: bypass of biquad and bass/treble functions
COS[1,0]
CKOUT frequency
00
PLL output
01
PLL output / 4
10
PLL output / 8
11
PLL output / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com