Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321MP Datasheet(PDF) 48 Page - STMicroelectronics

Part # STA321MP
Description  Scalable digital microphone processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MP Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STA321MP Datasheet HTML 42Page - STMicroelectronics STA321MP Datasheet HTML 43Page - STMicroelectronics STA321MP Datasheet HTML 44Page - STMicroelectronics STA321MP Datasheet HTML 45Page - STMicroelectronics STA321MP Datasheet HTML 46Page - STMicroelectronics STA321MP Datasheet HTML 47Page - STMicroelectronics STA321MP Datasheet HTML 48Page - STMicroelectronics STA321MP Datasheet HTML 49Page - STMicroelectronics STA321MP Datasheet HTML 50Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 48 / 50 page
background image
Package information
STA321MP
48/50
Doc ID 022647 Rev 1
Table 11.
VFQFPN56 (8 x 8 x 0.9 mm) package dimensions
Reference
mm
Min.
Typ.
Max.
A
0.80
0.90
1.00
A1
0
0.05
D8.00
D2
Refer to the exposed pad variations in Table 12
E8.00
E2
Refer to the exposed pad variations in Table 12
b
0.25
0.30
0.35
b1
0.20
0.25
0.30
e (pad pitch)(1)
1.
Refer to Figure 10 on page 47
L1
0.05
0.15
aaa
0.15
bbb
0.10
ddd
0.05
eee
0.08
fff
0.10
ccc
0.10
Table 12.
Exposed pad variations
Variation
D2
E2
Min.
Typ.
Max.
Min.
Typ.
Max.
A
5.85
5.90
5.95
5.85
5.90
5.95
B
4.25
4.30
4.35
4.25
4.30
4.35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com