Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321MP Datasheet(PDF) 28 Page - STMicroelectronics

Part # STA321MP
Description  Scalable digital microphone processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MP Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STA321MP Datasheet HTML 24Page - STMicroelectronics STA321MP Datasheet HTML 25Page - STMicroelectronics STA321MP Datasheet HTML 26Page - STMicroelectronics STA321MP Datasheet HTML 27Page - STMicroelectronics STA321MP Datasheet HTML 28Page - STMicroelectronics STA321MP Datasheet HTML 29Page - STMicroelectronics STA321MP Datasheet HTML 30Page - STMicroelectronics STA321MP Datasheet HTML 31Page - STMicroelectronics STA321MP Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
Registers
STA321MP
28/50
Doc ID 022647 Rev 1
Setting the IDE bit enables this function, which looks at the input I2S data and will
automatically mute if the signals are perceived as invalid.
The BCLE bit detects loss of input MCLK in binary mode and will output 50% duty cycle.
The LDTE bit actively prevents double triggering of LRCLK.
The ECLE bit controls the device power down signal (EAPD) on clock loss detection. This
function is enabled by default. It is strongly recommended to avoid spurious noise during the
on-off sequence. The STA321MP has the ECLE bit set to 0.
7.2.7
Configuration register I (0x08)
This feature utilizes an ADC on SDI78 that provides power supply ripple information for
correction. Registers PSC1, PSC2, PSC3 are utilized in this mode.
Bit
RW
RST
Name
Description
4RW
1
IDE
Invalid input detect mute enable:
1: enable the automatic invalid input detect mute
Bit
RW
RST
Name
Description
5
RW
1
BCLE
Binary output mode clock loss detection enable
Bit
RW
RST
Name
Description
6
RW
1
LDTE
LRCLK double trigger protection enable
Bit
RW
RST
Name
Description
7
RW
1
ECLE
Auto EAPD on clock loss
D7
D6
D5
D4
D3
D2
D1
D0
EAPD
PSCE
0
0
Bit
RW
RST
Name
Description
0
RW
0
PSCE
Power supply ripple correction enable:
0: normal operation
1: PSCorrect operation
Bit
RW
RST
Name
Description
7
RW
0
EAPD
External amplifier power down:
0: external power stage power-down active
1: normal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com