Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321MP Datasheet(PDF) 36 Page - STMicroelectronics

Part # STA321MP
Description  Scalable digital microphone processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MP Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STA321MP Datasheet HTML 32Page - STMicroelectronics STA321MP Datasheet HTML 33Page - STMicroelectronics STA321MP Datasheet HTML 34Page - STMicroelectronics STA321MP Datasheet HTML 35Page - STMicroelectronics STA321MP Datasheet HTML 36Page - STMicroelectronics STA321MP Datasheet HTML 37Page - STMicroelectronics STA321MP Datasheet HTML 38Page - STMicroelectronics STA321MP Datasheet HTML 39Page - STMicroelectronics STA321MP Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
Registers
STA321MP
36/50
Doc ID 022647 Rev 1
7.2.34
Tone control (0x2C)
This is the tone control boost / cut as a function of the BTC and TTC bits.
7.2.35
Channel 1 and 2 output timing (0x33)
7.2.36
Channel 3 and 4 output timing (0x34)
7.2.37
Channel 5 and 6 output timing (0x35)
D7
D6
D5
D4
D3
D2
D1
D0
TTC3
TTC2
TTC1
TTC0
BTC3
BTC2
BTC1
BTC0
01
11
01
1
1
BTC[3:0] / TTC[3:0)
Boost / cut
0000
-12 dB
0001
-12 dB
……
0111
-4 dB
0110
-2 dB
0111
0 dB
1000
+2 dB
1001
+4 dB
……
1101
+12 dB
1110
+12 dB
1111
+12dB
D7
D6
D5
D4
D3
D2
D1
D0
C2OT2
C2OT1
C2OT0
C1OT2
C1OT1
C1OT0
10
0
000
D7
D6
D5
D4
D3
D2
D1
D0
C4OT2
C4OT1
C4OT0
C3OT2
C3OT1
C3OT0
11
0
010
D7
D6
D5
D4
D3
D2
D1
D0
C6OT2
C6OT1
C6OT0
C5OT2
C5OT1
C5OT0
10
1
001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com