Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321MP Datasheet(PDF) 21 Page - STMicroelectronics

Part # STA321MP
Description  Scalable digital microphone processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MP Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STA321MP Datasheet HTML 17Page - STMicroelectronics STA321MP Datasheet HTML 18Page - STMicroelectronics STA321MP Datasheet HTML 19Page - STMicroelectronics STA321MP Datasheet HTML 20Page - STMicroelectronics STA321MP Datasheet HTML 21Page - STMicroelectronics STA321MP Datasheet HTML 22Page - STMicroelectronics STA321MP Datasheet HTML 23Page - STMicroelectronics STA321MP Datasheet HTML 24Page - STMicroelectronics STA321MP Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
STA321MP
Registers
Doc ID 022647 Rev 1
21/50
7.2
Register description
7.2.1
Configuration register A (0x00)
The STA321MP supports a sampling rate of 2.8224 MHz. Therefore the internal clock is:
●
90.3168 MHz for the respective sampling frequency
The external clock frequency provided to the XTI pin must be a multiple of the input
sampling frequency (fs). The relationship between the input clock and the input sampling
rate is determined by both the MCSn and the IRn (input rate) register bits. The MCSn bits
determine the PLL factor generating the internal clock and the IRn bits determine the
oversampling ratio used internally.
Interpolation ratio select
The STA321MP has variable interpolation (oversampling) settings such that internal
processing and FFX output rates remain consistent. The first processing block interpolates
by either 4 times, 2 times, or 1 time (pass-through).
The oversampling ratio of this interpolation is determined by the IR bits.
I
D7
D6
D5
D4
D3
D2
D1
D0
COS1
COS0
DSPB
IR1
IR0
MCS2
MCS1
MCS0
10
00
00
1
1
Bit
RW
RST
Name
Description
0RW
1
MCS0
Master clock select: selects the ratio between the
input sampling frequency (PDM I/FCLK) and the
input clock(XTI).
1RW
1
MCS1
2RW
0
MCS2
Input sampling rate
fs (kHz)
IR
MCS[2:0]
1XX
011
010
001
000
PDM I/F 2822.4
11
2 * fs
4 * fs
6 * fs
8 * fs
10 * fs
Bit
RW
RST
Name
Description
3
RW
0
IR0
Interpolation ratio select: selects the internal
interpolation ratio based on the input sampling
frequency
4RW
0
IR1
IR[1,0]
Input sampling rate
Fs (kHz)
1st stage interpolation ratio
11
2822.4
PDM CLK to 176.4 kHz conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com