Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321MP Datasheet(PDF) 27 Page - STMicroelectronics

Part # STA321MP
Description  Scalable digital microphone processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MP Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STA321MP Datasheet HTML 23Page - STMicroelectronics STA321MP Datasheet HTML 24Page - STMicroelectronics STA321MP Datasheet HTML 25Page - STMicroelectronics STA321MP Datasheet HTML 26Page - STMicroelectronics STA321MP Datasheet HTML 27Page - STMicroelectronics STA321MP Datasheet HTML 28Page - STMicroelectronics STA321MP Datasheet HTML 29Page - STMicroelectronics STA321MP Datasheet HTML 30Page - STMicroelectronics STA321MP Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
STA321MP
Registers
Doc ID 022647 Rev 1
27/50
7.2.6
Configuration register H (0x07)
The ZCE bit enables zero-crossing volume adjustments. When volume is adjusted on digital
zero-crossings, no clicks will be audible.
Setting the ZDE bit enables the zero-detect automatic mute. The zero-detect circuit looks at
the input data to each processing channel after the channel-mapping block. If any channel
receives 2048 consecutive zero value samples (regardless of fs), then that individual
channel is muted if this function is enabled.
Bit
RW
RST
Name
Description
6
RW
0
DCCV
Distortion compensation variable enable
:
0: uses preset DC coefficient
1: uses DCC coefficient
Bit
RW
RST
Name
Description
7RW
0
MPCV
Max power correction variable:
0: use standard MPC coefficient
1: use MPCC bits for MPC coefficient
D7
D6
D5
D4
D3
D2
D1
D0
ECLE
LDTE
BCLE
IDE
ZDE
SVE
ZCE
NSBW
01
11
11
1
0
Bit
RW
RST
Name
Description
0
RW
0
NSBW
Noise-shaper bandwidth selection:
1: 3rd order NS
0: 4th order NS
Bit
RW
RST
Name
Description
1RW
1
ZCE
Zero-crossing volume enable:
1: volume adjustments will only occur at digital zero-
crossings
0: volume adjustments will occur immediately
Bit
RW
RST
Name
Description
2RW
1
SVE
Soft volume enable:
1: volume adjustments use soft volume
0: volume adjustments occur immediately
Bit
RW
RST
Name
Description
3RW
1
ZDE
Zero-detect mute enable: setting of 1 enables the
automatic zero-detect mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com