Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321MPL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA321MPL
Description  Scalable digital microphone processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MPL Datasheet(HTML) 1 Page - STMicroelectronics

  STA321MPL Datasheet HTML 1Page - STMicroelectronics STA321MPL Datasheet HTML 2Page - STMicroelectronics STA321MPL Datasheet HTML 3Page - STMicroelectronics STA321MPL Datasheet HTML 4Page - STMicroelectronics STA321MPL Datasheet HTML 5Page - STMicroelectronics STA321MPL Datasheet HTML 6Page - STMicroelectronics STA321MPL Datasheet HTML 7Page - STMicroelectronics STA321MPL Datasheet HTML 8Page - STMicroelectronics STA321MPL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
February 2012
Doc ID 022647 Rev 1
1/50
1
STA321MP
Scalable digital microphone processor
Features
■ 8 digital processing channels each 24-bit
– 6 channels of PDM input
– 2 additional virtual channels
■ >100 dB SNR and dynamic range
■ Digital gain/attenuation +58 dB to -100 dB in
0.5 dB steps
■ Soft volume update
■ Individual channel and master level control
■ Up to 10 independent 32-bit user-
programmable biquads (EQ) per channel
■ Bass/treble tone control
■ Pre- and post-EQ full 8-channel input mix on all
8 channels
■ Dual independent limiters/compressors
■ Dynamic range compression or anti-clipping
modes
■ Individual channel and master soft/hard mute
■ 3 I2S data outputs
■ I2S data output channel mapping function
■ Independent channel volume and DSP bypass
■ Channel mapping of any input to any
processing channel
Applications
■ Tablets
■ Smartphones
■ Gaming
■ Audio conference sets
■ Legacy microphone-equipped devices
Description
The STA321MP is a PDM high-performance
multichannel processor with ultra-low quiescent
current designed for general-purpose digital
microphone applications. The device is fully digital
and is comprised of three main sections. The first
section is the PDM input interface which can
accept up to six serial digital inputs. The second
section is a high-quality audio processor allowing
flexible channel mixing/muxing and provides up to
10 biquads for general sound equalization and
voice enhancement with independent volume
control. The last block is the I2S output interface
which streams out the processed digital audio.
The output interface can also be programmed for
flexible channel mapping. The device offers some
of the most commonly required audio
enhancements such as programmable voice
tuning and equalization, limiter/compressor for
improved voice quality, multiband selection for
customizable microphone usage and configurable
wind-noise rejection. The embedded digital
processor allows offloading the microphone
processing from the main CPU or SoC, moving it
to the device.
Table 1.
Device summary
Order code
Package
Packing
STA321MPL
TQFP64
Tube
STA321MP
VFQFPN56
Tube
TQFP - 64
10 mm x 10 mm
VFQFPN - 56
8 mm x 8 mm
www.st.com


Similar Part No. - STA321MPL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA321MPL1 STMICROELECTRONICS-STA321MPL1 Datasheet
1Mb / 80P
Scalable digital microphone processor
June 2016 Rev 1
STA321MPL1TR STMICROELECTRONICS-STA321MPL1TR Datasheet
1Mb / 80P
Scalable digital microphone processor
June 2016 Rev 1
More results

Similar Description - STA321MPL

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM7210 WOLFSON-WM7210 Datasheet
247Kb / 12P
Top Port Digital Silicon Microphone
logo
Knowles Electronics
SPK0833LM4H-B KNOWLES-SPK0833LM4H-B Datasheet
789Kb / 13P
Digital Zero-Height SiSonicTM Microphone
SPM0423HD4H-WB KNOWLES-SPM0423HD4H-WB Datasheet
884Kb / 13P
Digital SiSonicTM Microphone
SPM0423HM4H-WB KNOWLES-SPM0423HM4H-WB Datasheet
949Kb / 13P
Digital SiSonicTM Microphone
SPM0437HD4H-B KNOWLES-SPM0437HD4H-B Datasheet
909Kb / 13P
Digital SiSonicTM Microphone
SPM1437HM4H-B KNOWLES-SPM1437HM4H-B Datasheet
981Kb / 13P
Digital SiSonicTM Microphone
SPH0645LM4H-B KNOWLES-SPH0645LM4H-B Datasheet
1Mb / 12P
I2S Output Digital Microphone
logo
STMicroelectronics
STA321MPL1 STMICROELECTRONICS-STA321MPL1 Datasheet
1Mb / 80P
Scalable digital microphone processor
June 2016 Rev 1
logo
DFI Inc
PR810-C622 DFI-PR810-C622 Datasheet
755Kb / 2P
1st/2nd Gen Intel Xeon Scalable Processor Family EATX
logo
Microsemi Corporation
ZL38063 MICROSEMI-ZL38063 Datasheet
1Mb / 63P
Microphone Array ASR-assist Audio Processor
Revision 4.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com