Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321MPL Datasheet(PDF) 14 Page - STMicroelectronics

Part # STA321MPL
Description  Scalable digital microphone processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MPL Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STA321MPL Datasheet HTML 10Page - STMicroelectronics STA321MPL Datasheet HTML 11Page - STMicroelectronics STA321MPL Datasheet HTML 12Page - STMicroelectronics STA321MPL Datasheet HTML 13Page - STMicroelectronics STA321MPL Datasheet HTML 14Page - STMicroelectronics STA321MPL Datasheet HTML 15Page - STMicroelectronics STA321MPL Datasheet HTML 16Page - STMicroelectronics STA321MPL Datasheet HTML 17Page - STMicroelectronics STA321MPL Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
Pin description
STA321MP
14/50
Doc ID 022647 Rev 1
4
Pin description
PDM interface clock (PDM_CLK)
The clock to the PDM interface is provided on this pin and will be used by the device to
sample the digital microphone data. This clock must be used to clock both the interface and
the microphones. The clock frequency must not exceed the upper limit of the microphone’s
specific clock frequency (please refer to the datasheet of the specific microphone used).
PDM input channels (PDMIN_1/6)
Audio information enters the device through the PDM input channels. These input pins
receive the digital output signal from the microphones.
RESET
Driving this pin low turns off the outputs and returns all settings to their defaults.
I2C bus
The SDA and SCL pins operate per the Phillips I2C specification. See Section 5: I2C bus
operation.
Phase-locked loop (PLL)
The phase-locked loop section provides the system timing signals and CKOUT.
Clock output (CKOUT)
System synchronization and master clocks are provided by CKOUT. This clock can be
conveniently divided and then used to clock both the PDM interface and the microphones.
Please refer to Figure 6.
PWM outputs (OUT1 through OUT8)
The PWM outputs provide the input signal for the power devices.
Serial data out (SDO_12, SDO_34, SDO_56, SDO_78)
These are the outputs for audio information. Six different formats are available including I2S,
left- or right-justified, LSB or MSB first, with word widths of 16, 18, 20 and 24 bits.
Device power-down (PWDN)
Pulling PWDN low begins the power-down sequence which puts the STA321MP into a
low-power state. EAPD (pin 45 of the VFQFN-56 or pin 51 of the TQFP-64) goes low
approximately 30 ms later.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com