Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321MPL Datasheet(PDF) 23 Page - STMicroelectronics

Part # STA321MPL
Description  Scalable digital microphone processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MPL Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STA321MPL Datasheet HTML 19Page - STMicroelectronics STA321MPL Datasheet HTML 20Page - STMicroelectronics STA321MPL Datasheet HTML 21Page - STMicroelectronics STA321MPL Datasheet HTML 22Page - STMicroelectronics STA321MPL Datasheet HTML 23Page - STMicroelectronics STA321MPL Datasheet HTML 24Page - STMicroelectronics STA321MPL Datasheet HTML 25Page - STMicroelectronics STA321MPL Datasheet HTML 26Page - STMicroelectronics STA321MPL Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
STA321MP
Registers
Doc ID 022647 Rev 1
23/50
7.2.2
Configuration register C (0x02) - serial output formats
The STA321MP features a serial audio output interface that consists of 8 channels.
The serial audio output acts as a master with an output sampling frequency of 176.4 kHz.
The output serial format can be selected independently from the input format and is done
via the SAO and SAOFB bits.
D7
D6
D5
D4
D3
D2
D1
D0
SAOFB
SAO3
SAO2
SAIO
SAO0
00
000
Bit
RW
RST
Name
Description
0RW
0
SAO0
Serial audio output interface format: determines the
interface format of the output serial digital audio
interface.
1RW
0
SAO1
2RW
0
SAO2
3RW
0
SAO3
Bit
RW
RST
Name
Description
4RW
0
SAOFB
Determines MSB or LSB first for all SAO formats:
0: MSB first
1: LSB first
BICKI = BICKO
SAO[3:0]
Interface data format
32 * fs
0111
I2S data
1111
Left/right-justified 16-bit data
48 * fs
1110
I2S data
0001
Left-justified data
1010
Right-justified 24-bit data
1011
Right-justified 20-bit data
1100
Right-justified 18-bit data
1101
Right-justified 16-bit data
64 * fs
0000
I2S data
0001
Left-justified data
0010
Right-justified 24-bit data
0011
Right-justified 20-bit data
0100
Right-justified 18-bit data
0101
Right-justified 16-bit data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com