Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321MPL Datasheet(PDF) 10 Page - STMicroelectronics

Part # STA321MPL
Description  Scalable digital microphone processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MPL Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STA321MPL Datasheet HTML 6Page - STMicroelectronics STA321MPL Datasheet HTML 7Page - STMicroelectronics STA321MPL Datasheet HTML 8Page - STMicroelectronics STA321MPL Datasheet HTML 9Page - STMicroelectronics STA321MPL Datasheet HTML 10Page - STMicroelectronics STA321MPL Datasheet HTML 11Page - STMicroelectronics STA321MPL Datasheet HTML 12Page - STMicroelectronics STA321MPL Datasheet HTML 13Page - STMicroelectronics STA321MPL Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
Pin connections
STA321MP
10/50
Doc ID 022647 Rev 1
51
3.3-V capable TTL 4 mA output buffer
EAPD
Ext. amp power-down
55
3.3-V capable TTL 2 mA output buffer
BICKO
Output serial clock
56
3.3-V capable TTL 2 mA output buffer
LRCKO
Output left/right clock
57
3.3-V capable TTL 2 mA output buffer
SDO_12
Output serial data channels 1 & 2
58
3.3-V capable TTL 2 mA output buffer
SDO_34
Output serial data channels 3 & 4
62
3.3-V capable TTL 2 mA output buffer
SDO_56
Output serial data channels 5 & 6
63
3.3-V capable TTL 2 mA output buffer
SDO_78
Output serial data channels 7 & 8
64
5-V tolerant TTL Schmitt trigger input buffer
PWDN
Device power-down
3,12,24,
28,35,
44,52,59
3.3-V digital supply voltage
VDD3
3.3-V supply
2,4,13,
27,36,
45,53,60
Digital ground
GND
Ground
14,17,26,
37, 46,
54,61,63
NC
Not connected
Table 2.
Pin description: TQFP-64 (STA321MPL) (continued)
Pin
number
Type
Name
Description
Table 3.
Pin description: VFQFPN-56 (STA321MP)
Pin
number
Type
Name
Description
1
5-V tolerant TTL input buffer
PDM_CLK
PDM I/F CLK
5
5-V tolerant TTL input buffer
PDMIN_6
PDM input channel 6
6
5-V tolerant TTL input buffer
PDMIN_5
PDM input channel 5
7
5-V tolerant TTL input buffer
PDMIN_4
PDM input channel 4
8
5-V tolerant TTL input buffer
PDMIN_3
PDM input channel 3
9
5-V tolerant TTL input buffer
PDMIN_2
PDM input channel 2
10
5-V tolerant TTL input buffer
PDMIN_1
PDM input channel 1
13
5-V tolerant TTL Schmitt trigger input buffer
RESET
Global reset
14
CMOS input buffer with pull-down
PLLB
Bypass phase-locked loop
15
Bidirectional buffer: 5-V tolerant TTL Schmitt
trigger input; 3.3-V capable 2 mA slew-rate
controlled output
SDA
Serial data (I2C)
16
5-V tolerant TTL Schmitt trigger input buffer
SCL
Serial clock (I2C)
17
5-V tolerant TTL Schmitt trigger input buffer
XTI
Crystal oscillator input (clock input)
18
Analog pad
FILTER_PLL
PLL filter
19
3.3-V analog supply voltage
VDDA
PLL supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com