Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321MPL Datasheet(PDF) 17 Page - STMicroelectronics

Part # STA321MPL
Description  Scalable digital microphone processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MPL Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STA321MPL Datasheet HTML 13Page - STMicroelectronics STA321MPL Datasheet HTML 14Page - STMicroelectronics STA321MPL Datasheet HTML 15Page - STMicroelectronics STA321MPL Datasheet HTML 16Page - STMicroelectronics STA321MPL Datasheet HTML 17Page - STMicroelectronics STA321MPL Datasheet HTML 18Page - STMicroelectronics STA321MPL Datasheet HTML 19Page - STMicroelectronics STA321MPL Datasheet HTML 20Page - STMicroelectronics STA321MPL Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
STA321MP
Application reference schematic
Doc ID 022647 Rev 1
17/50
6
Application reference schematic
Figure 6.
Reference schematic for STA321MP-based application
Figure 7.
Application circuit
PDM_IN1
PDM_IN2
PDM_IN3
PDM_IN4
PDM_IN5
PDM_IN6
I2S
Receiver/
Processor
or
Audio
Precision
100nF
3.3V
100pF
1nF
3.3K
VDD3
GND
BICKO
LRCKO
SDO_12
SDO_34
SDO_56
CK
DATA
LR
GND
VDD
CK
DATA
LR
GND
VDD
CK
DATA
LR
GND
VDD
CK
DATA
LR
GND
VDD
CK
DATA
LR
GND
VDD
CK
DATA
LR
GND
VDD
3.3V
Digital Microphones
Dual Flip/Flop
CK divider
Analog
Output Interface
External Clock
11.2896 MHz
Control Interface
AM045332v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com