Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321MPL Datasheet(PDF) 25 Page - STMicroelectronics

Part # STA321MPL
Description  Scalable digital microphone processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MPL Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STA321MPL Datasheet HTML 21Page - STMicroelectronics STA321MPL Datasheet HTML 22Page - STMicroelectronics STA321MPL Datasheet HTML 23Page - STMicroelectronics STA321MPL Datasheet HTML 24Page - STMicroelectronics STA321MPL Datasheet HTML 25Page - STMicroelectronics STA321MPL Datasheet HTML 26Page - STMicroelectronics STA321MPL Datasheet HTML 27Page - STMicroelectronics STA321MPL Datasheet HTML 28Page - STMicroelectronics STA321MPL Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
STA321MP
Registers
Doc ID 022647 Rev 1
25/50
In dynamic range compression mode the limiter threshold values vary with the volume
settings, allowing a nighttime listening mode that provides a reduction in the dynamic range
regardless of the volume level.
By setting this bit to one, de-emphasis will be implemented on all channels. When this is
used it takes the place of biquad #7 in each channel and any coefficients using biquad #1
will be ignored. The DSPB (DSP bypass) bit must be set to 0 for de-emphasis to function.
Post-scale functionality can be used for power-supply error correction. For multi-channel
applications running off the same power-supply, the post-scale values can be linked to the
value of channel 1 for ease of use and in order to update the values faster.
For ease of use, all channels can use the biquad coefficients loaded into the channel 1
Coefficient RAM space by setting the BQL bit to 1. Therefore, any EQ updates only have to
be performed once.
Bit
RW
RST
Name
Description
2RW
0
DEMP
De-emphasis:
0: no de-emphasis
1: de-emphasis
Bit
RW
RST
Name
Description
3
RW
0
PSL
Post-scale link:
0: each channel uses individual post-scale values
1: each channel uses channel 1 post-scale values
Bit
RW
RST
Name
Description
4RW
0
BQL
Biquad link:
0: each channel uses coefficient values
1: each channel uses channel 1 coefficient values
Bit
RW
RST
Name
Description
7:5
RW
00
PWMS[2:0]
PWM speed selection
PWMS[1:0]
PWM output speed
000
Normal speed (384 kHz) (all channels)
001
Half-speed (192 kHz) (all channels)
010
Double-speed (768 kHz) (all channels)
011
Normal speed (channels 1-6), double-speed (channels 7-8)
100
Odd speed (341.3 kHz) (all channels)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com