Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321MPL Datasheet(PDF) 11 Page - STMicroelectronics

Part # STA321MPL
Description  Scalable digital microphone processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MPL Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STA321MPL Datasheet HTML 7Page - STMicroelectronics STA321MPL Datasheet HTML 8Page - STMicroelectronics STA321MPL Datasheet HTML 9Page - STMicroelectronics STA321MPL Datasheet HTML 10Page - STMicroelectronics STA321MPL Datasheet HTML 11Page - STMicroelectronics STA321MPL Datasheet HTML 12Page - STMicroelectronics STA321MPL Datasheet HTML 13Page - STMicroelectronics STA321MPL Datasheet HTML 14Page - STMicroelectronics STA321MPL Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
STA321MP
Pin connections
Doc ID 022647 Rev 1
11/50
20
Analog ground
GNDA
PLL ground
22
3.3-V capable TTL tristate 4 mA output buffer
CKOUT
Clock output
25
3.3-V capable TTL 2 mA output buffer
OUT8B
PWM channel 8 output B
26
3.3-V capable TTL 2 mA output buffer
OUT8A
PWM channel 8 output A
27
3.3-V capable TTL 2 mA output buffer
OUT7B
PWM channel 7 output B
28
3.3-V capable TTL 2 mA output buffer
OUT7A
PWM channel 7 output A
29
3.3-V capable TTL 2 mA output buffer
OUT6B
PWM channel 6 output B
30
3.3-V capable TTL 2 mA output buffer
OUT6A
PWM channel 6 output A
33
3.3-V capable TTL 2 mA output buffer
OUT5B
PWM channel 5 output B
34
3.3-V capable TTL 2 mA output buffer
OUT5A
PWM channel 5 output A
35
3.3-V capable TTL 2 mA output buffer
OUT4B
PWM channel 4 output B
36
3.3-V capable TTL 2 mA output buffer
OUT4A
PWM channel 4 output A
37
3.3-V capable TTL 2 mA output buffer
OUT3B
PWM channel 3 output B
38
3.3-V capable TTL 2 mA output buffer
OUT3A
PWM channel 3 output A
41
3.3-V capable TTL 2 mA output buffer
OUT2B
PWM channel 2 output B
42
3.3-V capable TTL 2 mA output buffer
OUT2A
PWM channel 2 output A
43
3.3-V capable TTL 2 mA output buffer
OUT1B
PWM channel 1 output B
44
3.3-V capable TTL 2 mA output buffer
OUT1A
PWM channel 1 output A
45
3.3-V capable TTL 4 mA output buffer
EAPD
Ext. amp power-down
48
3.3-V capable TTL 2 mA output buffer
BICKO
Output serial clock
49
3.3-V capable TTL 2 mA output buffer
LRCKO
Output left/right clock
50
3.3-V capable TTL 2 mA output buffer
SDO_12
Output serial data channels 1 & 2
51
3.3-V capable TTL 2 mA output buffer
SDO_34
Output serial data channels 3 & 4
54
3.3-V capable TTL 2 mA output buffer
SDO_56
Output serial data channels 5 & 6
55
3.3-V capable TTL 2 mA output buffer
SDO_78
Output serial data channels 7 & 8
56
5-V tolerant TTL Schmitt trigger input buffer
PWDN
Device power-down
3,11,21,
24,31,
39,46,52
3.3-V digital supply voltage
VDD3
3.3-V supply
2,4,12,
23,32,
40,47,53
Digital ground
GND
Ground
Table 3.
Pin description: VFQFPN-56 (STA321MP) (continued)
Pin
number
Type
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com