Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA333W Datasheet(PDF) 11 Page - STMicroelectronics

Part # STA333W
Description  2-channel high-efficiency digital audio system Sound Terminal?
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333W Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STA333W Datasheet HTML 7Page - STMicroelectronics STA333W Datasheet HTML 8Page - STMicroelectronics STA333W Datasheet HTML 9Page - STMicroelectronics STA333W Datasheet HTML 10Page - STMicroelectronics STA333W Datasheet HTML 11Page - STMicroelectronics STA333W Datasheet HTML 12Page - STMicroelectronics STA333W Datasheet HTML 13Page - STMicroelectronics STA333W Datasheet HTML 14Page - STMicroelectronics STA333W Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
STA333W
Electrical specification
Doc ID 13365 Rev 2
11/49
3
Electrical specification
3.1
Absolute maximum ratings
Warning:
Stresses beyond those listed in Table 4: Absolute maximum
ratings may cause permanent damage to the device. These
are stress ratings only, and functional operation of the device
at these or any other conditions beyond those indicated in
Table 5: Recommended operating conditions are not implied.
Exposure to absolute-maximum-rated conditions for
extended periods may affect device reliability. In the real
application, a power supply with nominal value rated within
the limits of the recommended operating conditions, may
experience some rising beyond the maximum operating
conditions for a short time when no or very low current is
being sinked (amplifier in mute state). In this case the
reliability of the device is guaranteed, provided that the
absolute maximum ratings are not exceeded.
3.2
Recommended operating conditions
Table 4.
Absolute maximum ratings
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Analog supply voltage (pins VCCx)
-
-
23
V
VDD
Digital supply voltage (pins VDD_DIG)
-
-
4.0
V
IL
Logic input interface
-0.3
-
4.0
V
Top
Operating junction temperature
0
-
150
°C
Tstg
Storage temperature
-40
-
150
°C
Table 5.
Recommended operating conditions
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Analog supply voltage (VCCx)
4.5
-
20.0
V
VDD
Digital supply voltage (VDD_DIG)
2.7
3.3
3.6
V
IL
Logic input interface
2.7
3.3
3.6
V
Tamb
Ambient temperature
0
-
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com