Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA333W Datasheet(PDF) 40 Page - STMicroelectronics

Part # STA333W
Description  2-channel high-efficiency digital audio system Sound Terminal?
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333W Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STA333W Datasheet HTML 36Page - STMicroelectronics STA333W Datasheet HTML 37Page - STMicroelectronics STA333W Datasheet HTML 38Page - STMicroelectronics STA333W Datasheet HTML 39Page - STMicroelectronics STA333W Datasheet HTML 40Page - STMicroelectronics STA333W Datasheet HTML 41Page - STMicroelectronics STA333W Datasheet HTML 42Page - STMicroelectronics STA333W Datasheet HTML 43Page - STMicroelectronics STA333W Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 49 page
background image
Applications information
STA333W
40/49
Doc ID 13365 Rev 2
Figure 12.
PLL filter circuit
7.3
Typical output configuration
Figure 13 below shows a typical output configuration used for BTL stereo mode.
Figure 13.
Output configuration for stereo BTL mode
100pF
F ILT E R _ P LL
6 80pF
4.7 n F
2K 2
100pF
F ILT E R _ P LL
6 80pF
4.7 n F
2K 2
BE A D
P L L_G N D
G ND_ DIG
100pF
F ILT E R _ P LL
6 80pF
4.7 n F
2K 2
100pF
F ILT E R _ P LL
6 80pF
4.7 n F
2K 2
BE A D
BE A D
P L L_G N D
G ND_ DIG
22uH
22uH
100nF
100nF
470nF
330pF
100nF
22
LEFT
100nF
6.2
OUT1A
OUT1B
6.2
22uH
22uH
100nF
100nF
470nF
330pF
100nF
22
RIGHT
100nF
6.2
OUT2A
OUT2B
6.2
22uH
22uH
100nF
100nF
470nF
330pF
100nF
22
LEFT
100nF
6.2
OUT1A
OUT1B
6.2
22uH
22uH
100nF
100nF
470nF
330pF
100nF
22
LEFT
100nF
6.2
OUT1A
OUT1B
6.2
22uH
22uH
100nF
100nF
470nF
330pF
100nF
22
RIGHT
100nF
6.2
OUT2A
OUT2B
6.2
22uH
22uH
100nF
100nF
470nF
330pF
100nF
22
RIGHT
100nF
6.2
OUT2A
OUT2B
6.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com