Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA333W Datasheet(PDF) 12 Page - STMicroelectronics

Part # STA333W
Description  2-channel high-efficiency digital audio system Sound Terminal?
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333W Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STA333W Datasheet HTML 8Page - STMicroelectronics STA333W Datasheet HTML 9Page - STMicroelectronics STA333W Datasheet HTML 10Page - STMicroelectronics STA333W Datasheet HTML 11Page - STMicroelectronics STA333W Datasheet HTML 12Page - STMicroelectronics STA333W Datasheet HTML 13Page - STMicroelectronics STA333W Datasheet HTML 14Page - STMicroelectronics STA333W Datasheet HTML 15Page - STMicroelectronics STA333W Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
Electrical specification
STA333W
12/49
Doc ID 13365 Rev 2
3.3
Electrical specifications - digital section
3.4
Electrical specifications - power section
The specifications in Table 7 below are given for the conditions VCC = 18 V, VDD = 3.3 V,
fSW = 384 kHz, Tamb = 25 °C and RL = 8 Ω, unless otherwise specified.
Table 6.
Electrical characteristics for digital section
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Iil
Input current, no pull-up or
pull-down resistor
Vi = 0 V
-
-
±10
µA
Iih
Vi = VDD = 3.6 V
-
-
±10
µA
Vil
Low-level input voltage
-
-
-
0.2 *
VDD
V
Vih
High-level input voltage
-
0.8 *
VDD
--V
Vol
Low-level output voltage
Iol = 2 mA
-
-
0.4 *
VDD
V
Voh
High-level output voltage
Ioh = 2 mA
0.8 *
VDD
--V
Ipu
Pull-up current
-
25
66
125
µA
Rpu
Equivalent pull-up
resistance
--
50
-
k
Ω
Table 7.
Electrical specifications for power section
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Po
Output power BTL
THD = 1%
-
16
-
W
THD = 10%
-
20
-
RdsON
Power P-channel/N-channel
MOSFET (total bridge)
ld = 1 A
-
180
250
m
Ω
ldss
Power P-channel/N-channel
leakage
VCC = 18 V
--10
µA
gP
Power P-channel RdsON
matching
ld = 1 A
95
--%
gN
Power N-channel RdsON
matching
ld = 1 A
95
--%
ILDT
Low-current dead time
(static)
Resistive load,
refer to Figure 5
-
5
10
ns
IHDT
High-current dead time
(dynamic)
Refer to Figure 6
-
1020ns
tr
Rise time
Resistive load,
refer to Figure 5
-
8
10
ns
tf
Fall time
Resistive load,
refer to Figure 5
-
8
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com