Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA333W Datasheet(PDF) 24 Page - STMicroelectronics

Part # STA333W
Description  2-channel high-efficiency digital audio system Sound Terminal?
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333W Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STA333W Datasheet HTML 20Page - STMicroelectronics STA333W Datasheet HTML 21Page - STMicroelectronics STA333W Datasheet HTML 22Page - STMicroelectronics STA333W Datasheet HTML 23Page - STMicroelectronics STA333W Datasheet HTML 24Page - STMicroelectronics STA333W Datasheet HTML 25Page - STMicroelectronics STA333W Datasheet HTML 26Page - STMicroelectronics STA333W Datasheet HTML 27Page - STMicroelectronics STA333W Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
Register description
STA333W
24/49
Doc ID 13365 Rev 2
Thermal warning adjustment bypass
The on-chip STA333W power output block provides feedback to the digital controller using
inputs to the power control block. The TWARN input is used to indicate a thermal warning
condition. When TWARN is asserted (set to 0) for a period of time greater than 400 ms, the
power control block will force a -3dB output limit (determined by TWOCL in coefficient RAM)
to the modulation limit in an attempt to eliminate the thermal warning condition. Once the
thermal warning output limit adjustment is applied, it remains in this state until reset, unless
FDRB = 0.
Fault detect recovery bypass
The on-chip STA333W power output block provides feedback to the digital controller using
inputs to the power control block. The FAULT input is used to indicate a fault condition (either
overcurrent or thermal). When FAULT is asserted (set to 0), the power control block attempts
a recovery from the fault by asserting the 3-state output (setting it to 0 which directs the
power output block to begin recovery), holding it at 0 for period of time in the range of 0.1 ms
to 1 second as defined by the fault detect recovery constant register (FDRC registers 0x2B,
0x2C), then toggling it back to 1. This sequence is repeated as log as the fault indication
exists. This feature is enabled by default but can be bypassed by setting the FDRB control
bit to 1.
6.1.2
Configuration register B (addr 0x01)
Table 14.
Thermal warning adjustment
Bit
R/W
RST
Name
Description
6R/W
1TWAB
Thermal warning adjustment bypass:
0: thermal warning adjustment enabled
1: thermal warning adjustment disabled
Table 15.
Fault detect recovery
Bit
R/W
RST
Name
Description
7R/W
0FDRB
Fault detect recovery bypass:
0: fault detect recovery enabled
1: fault detect recovery disabled
D7
D6
D5
D4
D3
D2
D1
D0
C2IM
C1IM
Reserved
SAIFB
SAI3
SAI2
SAI1
SAI0
10
00
000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com