Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA333W Datasheet(PDF) 27 Page - STMicroelectronics

Part # STA333W
Description  2-channel high-efficiency digital audio system Sound Terminal?
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333W Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STA333W Datasheet HTML 23Page - STMicroelectronics STA333W Datasheet HTML 24Page - STMicroelectronics STA333W Datasheet HTML 25Page - STMicroelectronics STA333W Datasheet HTML 26Page - STMicroelectronics STA333W Datasheet HTML 27Page - STMicroelectronics STA333W Datasheet HTML 28Page - STMicroelectronics STA333W Datasheet HTML 29Page - STMicroelectronics STA333W Datasheet HTML 30Page - STMicroelectronics STA333W Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
STA333W
Register description
Doc ID 13365 Rev 2
27/49
Channel input mapping
Each channel received via I2S can be mapped to any internal processing channel via the
channel input mapping registers. This allows for flexibility in processing. The default settings
of these registers map each I2S input channel to its corresponding processing channel.
6.1.3
Configuration register C (addr 0x02)
DDX power output mode
DDX compensation pulse size register
Table 20.
Channel input mapping
Bit
R/W
RST
Name
Description
6R/W
0C1IM
0: processing channel 1 receives left I2S input
1: processing channel 1 receives right I2S input
7R/W
0C2IM
0: processing channel 2 receives left I2S input
1: processing channel 2 receives right I2S input
D7
D6
D5
D4
D3
D2
D1
D0
OCRB
Reserved
CSZ3
CSZ2
CSZ1
CSZ0
OM1
OM0
100
101
11
Table 21.
DDX power output mode
Bit
R/W
RST
Name
Description
0
R/W
1
OM0
The DDX power output mode selects the configuration
of the DDX output:
00: drop compensation
01: discrete output stage: tapered compensation
10: full-power mode
11: variable drop compensation (CSZx bits)
1R/W
1OM1
Table 22.
DDX compensating pulse size
Bit
R/W
RST
Name
Description
2
R/W
1
CSZ0
When OM[1:0] = 11, this register determines the size of
the DDX compensating pulse from 0 to 15 clock periods:
0000: 0 ns (0 ticks) compensating pulse size
0001: 20 ns (1 tick) clock period compensating pulse
size
.....
1111: 300 ns (15 ticks) clock period compensating pulse
size
3R/W
0CSZ1
4R/W
1CSZ2
5R/W
0CSZ3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com