Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA333W Datasheet(PDF) 14 Page - STMicroelectronics

Part # STA333W
Description  2-channel high-efficiency digital audio system Sound Terminal?
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333W Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STA333W Datasheet HTML 10Page - STMicroelectronics STA333W Datasheet HTML 11Page - STMicroelectronics STA333W Datasheet HTML 12Page - STMicroelectronics STA333W Datasheet HTML 13Page - STMicroelectronics STA333W Datasheet HTML 14Page - STMicroelectronics STA333W Datasheet HTML 15Page - STMicroelectronics STA333W Datasheet HTML 16Page - STMicroelectronics STA333W Datasheet HTML 17Page - STMicroelectronics STA333W Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
Electrical specification
STA333W
14/49
Doc ID 13365 Rev 2
3.5
Power-on/off sequences
The power-on/off sequences shown in Figure 3 and Figure 4 below ensure a pop-free turn
on and turn off.
Figure 3.
Power-on sequence
Figure 4.
Power-off sequence
Don’t care
VCC
VDD_Dig
XTI
Reset
TR
Don’t care
Don’t care
PWRDN
Soft EAPD
Reg. 0x05
Bit 7 = 1
TC
Don’t care
VCC
VDD_Dig
XTI
Reset
TR
Don’t care
Don’t care
PWRDN
Soft EAPD
Reg. 0x05
Bit 7 = 1
TC
TR = mimimum time between XTI master clock stable and reset removal: 1 ms
TC = minimum time between reset removal and I2C program sequence start: 1 ms
No specific VCC and VDD_DIG turn-on sequence is required
Clock stable means: fmax - fmin < 1 MHz
VCC
VDD_DIG
XTI
RESET
PWRDN
Bit EAPD
Register 0x05
Don’t care
VCC
VDD_Dig
XTI
Don’t care
Soft Mute
Reg. 0x07
Data 0xFE
Soft EAPD
Reg. 0x05
Bit 7 = 0
Don’t care
FE
Don’t care
Don’t care
Don’t care
VCC
VDD_Dig
XTI
Don’t care
Soft Mute
Reg. 0x07
Data 0xFE
Soft EAPD
Reg. 0x05
Bit 7 = 0
Don’t care
FE
Don’t care
Don’t care
No specific VCC and VDD_DIG turn-off sequence is required
VCC
VDD_DIG
XTI
Mute
Bit EAPD
Register 0x05
Register 0x07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com