Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA333W Datasheet(PDF) 44 Page - STMicroelectronics

Part # STA333W
Description  2-channel high-efficiency digital audio system Sound Terminal?
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333W Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STA333W Datasheet HTML 40Page - STMicroelectronics STA333W Datasheet HTML 41Page - STMicroelectronics STA333W Datasheet HTML 42Page - STMicroelectronics STA333W Datasheet HTML 43Page - STMicroelectronics STA333W Datasheet HTML 44Page - STMicroelectronics STA333W Datasheet HTML 45Page - STMicroelectronics STA333W Datasheet HTML 46Page - STMicroelectronics STA333W Datasheet HTML 47Page - STMicroelectronics STA333W Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 49 page
background image
Package thermal characteristics
STA333W
44/49
Doc ID 13365 Rev 2
9
Package thermal characteristics
A thermal resistance of 25 °C/W can be achieved by mounting the device on a PCB which
has two copper ground areas of 3 x 3 cm and 16 vias (see Figure 21).
Given that the amount of power dissipated within the device depends primarily on the supply
voltage, load impedance and output modulation level the maximum estimated dissipated
power for the STA333W is 3 W.
With the above suggested board as heatsink, a maximum junction temperature rise,
∆Tj, of
75 °C is possible. In consumer environments where 50 °C is the maximum ambient
temperature this provides some safety margin before the intervention of the thermal
protection (Tj = 150 °C).
Figure 21.
Double-layer PCB with two copper ground areas and 16 vias
Figure 22 shows the power derating curve for the PowerSSO-36 package on PCBs with
copper areas of 2 x 2 cm2 and 3 x 3 cm2.
Figure 22.
Power derating curve for PCB used as heatsink
0
1
2
3
4
5
6
7
8
0
20
40
60
80
100
120
140
160
Pd (W)
Tamb ( °C)
Copper Area 2x2 cm
and via holes
STA333W
PSSO36
Copper Area 3x3 cm
and via holes
0
1
2
3
4
5
6
7
8
0
20
40
60
80
100
120
140
160
0
1
2
3
4
5
6
7
8
0
20
40
60
80
100
120
140
160
Pd (W)
Tamb ( °C)
Copper Area 2x2 cm
and via holes
Copper Area 2x2 cm
and via holes
STA333W
PSSO36
STA333W
PSSO36
Copper Area 3x3 cm
and via holes
Copper Area 3x3 cm
and via holes
STA333W
PowerSSO-36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com