Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7718N Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7718N
Description  3 band car audio processor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7718N Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7718N Datasheet HTML 7Page - STMicroelectronics TDA7718N Datasheet HTML 8Page - STMicroelectronics TDA7718N Datasheet HTML 9Page - STMicroelectronics TDA7718N Datasheet HTML 10Page - STMicroelectronics TDA7718N Datasheet HTML 11Page - STMicroelectronics TDA7718N Datasheet HTML 12Page - STMicroelectronics TDA7718N Datasheet HTML 13Page - STMicroelectronics TDA7718N Datasheet HTML 14Page - STMicroelectronics TDA7718N Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
TDA7718N
Electrical specifications
Doc ID 16502 Rev 1
11/40
Middle control
CRANGE Control range
-
±14
±15
±16
dB
ASTEP
Step resolution
-
0.5
1
1.5
dB
fc
Center frequency
fC1
-
500
-
Hz
fC2
-1
-
kHz
fC3
-1.5
-
kHz
fC4
-2.5
-
kHz
QMIDDLE Quality factor
Q1
-0.75
-
-
Q2
-1
-
-
Q3
-1.25
-
-
Treble control
CRANGE Clipping level
-
±14
±15
±16
dB
ASTEP
Step resolution
-
0.5
1
1.5
dB
fc
Center frequency
fC1
-
10
-
kHz
fC2
-
12.5
-
kHz
fC3
-
15
-
kHz
fC4
-
17.5
-
kHz
Speaker attenuators
GMAX
Max gain
-
14
15
16
dB
AMAX
Max attenuation
-
-
-79
-74
dB
ASTEP
Step resolution
-
0.5
1
1.5
dB
AMUTE
Mute attenuation
-
80
90
-
dB
EE
Attenuation set error
-
-
-
2
dB
VDC
DC steps
Adjacent attenuation steps
-
0.1
5
mV
Audio outputs
VCL
Clipping level
d = 0.3 %; byte8_D6=1
2
-
-
VRMS
d = 1 %; byte8_D6=0
2.2
-
-
VRMS
ROUT
Output impedance
-
-
30
100
Ω
RL
Output load resistance
-
2
-
-
k
Ω
CL
Output load capacitor
-
-
-
10
nF
VDC
DC voltage level
-
3.8
4.0
4.2
V
Subwoofer lowpass
fLP
Lowpass corner frequency
fLP1
-55
-
Hz
fLP2
-85
-
Hz
fLP3
-
120
-
Hz
fLP4
-
160
-
Hz
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com