Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7718N Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7718N
Description  3 band car audio processor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7718N Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7718N Datasheet HTML 9Page - STMicroelectronics TDA7718N Datasheet HTML 10Page - STMicroelectronics TDA7718N Datasheet HTML 11Page - STMicroelectronics TDA7718N Datasheet HTML 12Page - STMicroelectronics TDA7718N Datasheet HTML 13Page - STMicroelectronics TDA7718N Datasheet HTML 14Page - STMicroelectronics TDA7718N Datasheet HTML 15Page - STMicroelectronics TDA7718N Datasheet HTML 16Page - STMicroelectronics TDA7718N Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
TDA7718N
Description of the audioprocessor
Doc ID 16502 Rev 1
13/40
4
Description of the audioprocessor
4.1
Input stages
One quasi-differential stereo input, one full-differential stereo input and maximum five
single-ended inputs are available.
4.1.1
Quasi-differential stereo input (QD1)
The QD input is implemented as a buffered quasi-differential stereo stage with 100 k
Ω input-
impedance at each input. There is -3 dB attenuation at QD input stage.
4.1.2
Single-ended stereo input (SE1, SE2, SE3)
The input-impedance at each input is 100 k
Ω and the attenuation is fixed to -3 dB for
incoming signals.
4.1.3
Full-differential stereo input or single-ended input (FD1/QD2/SE4+SE5)
This device provides a full-differential stereo input stage (FD1) or 2nd quasi-differential
stereo input stage. The full differential is a buffered full-differential stereo stage with 100 k
Ω
input-impedance at each input. When using as QD2 application, it needs to connect the two
QD2G pins together from external and the input impedance at QDG becomes 50 k
Ω. This
stage can be also configured as 2 single-ended stereo input stages (SE4 and SE5). The
configuration is done with the input selector control bits and the selection of FD1 and QD2 is
controlled by a separate bit. There is -3 dB attenuation at the input stage. Figure 3 shows
the block diagram of this input stage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com