Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7718N Datasheet(PDF) 38 Page - STMicroelectronics

Part # TDA7718N
Description  3 band car audio processor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7718N Datasheet(HTML) 38 Page - STMicroelectronics

Back Button TDA7718N Datasheet HTML 32Page - STMicroelectronics TDA7718N Datasheet HTML 33Page - STMicroelectronics TDA7718N Datasheet HTML 34Page - STMicroelectronics TDA7718N Datasheet HTML 35Page - STMicroelectronics TDA7718N Datasheet HTML 36Page - STMicroelectronics TDA7718N Datasheet HTML 37Page - STMicroelectronics TDA7718N Datasheet HTML 38Page - STMicroelectronics TDA7718N Datasheet HTML 39Page - STMicroelectronics TDA7718N Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
Package information
TDA7718N
38/40
Doc ID 16502 Rev 1
6
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 22.
TSSOP28 mechanical data and package dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.200
0.047
A1
0.050
0.150
0.002
0.006
A2
0.800
1.000
1.050
0.031
0.039
0.041
b
0.190
0.300
0.007
0.012
c
0.090
0.200
0.004
0.008
D 1
9.600
9.700
9.800
0.378
0.382
0.386
E
6.200
6.400
6.600
0.244
0.252
0.260
E11
4.300
4.400
4.500
0.170
0.173
0.177
e
0.650
0.026
L
0.450
0.600
0.750
0.018
0.024
0.030
L1
1.000
0.039
k
0˚ (min.), 8˚ (max.)
aaa
0.100
0.004
Note: 1. D and E1 does not include mold flash or protrusions.
Mold flash or potrusions shall not exceed 0.15mm
(.006inch) per side.
TSSOP28
0128292 B
Thin Shrink Small Outline Package
JEDEC MO-153-AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com