Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7718N Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7718N
Description  3 band car audio processor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7718N Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7718N Datasheet HTML 1Page - STMicroelectronics TDA7718N Datasheet HTML 2Page - STMicroelectronics TDA7718N Datasheet HTML 3Page - STMicroelectronics TDA7718N Datasheet HTML 4Page - STMicroelectronics TDA7718N Datasheet HTML 5Page - STMicroelectronics TDA7718N Datasheet HTML 6Page - STMicroelectronics TDA7718N Datasheet HTML 7Page - STMicroelectronics TDA7718N Datasheet HTML 8Page - STMicroelectronics TDA7718N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
TDA7718N
List of figures
Doc ID 16502 Rev 1
5/40
List of figures
Figure 1.
Block circuit diagram. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 2.
Pin connection (top view) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 3.
FD / QD / SE block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 4.
Loudness attenuation @ fP = 400 Hz. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 5.
Loudness center frequencies @ attn. = 15 dB.. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 6.
Loudness attenuation, fc = 2.4 kHz. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 7.
SoftMute timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 8.
Bass control @ fC = 80 Hz, Q = 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 9.
Bass center frequencies @ gain = 14 dB, Q = 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 10.
Bass quality factors @ gain = 14 dB, fC = 80 Hz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 11.
Bass normal and DC mode @ gain = 14 dB, fC = 80 Hz . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 12.
Middle control @ fC = 1 kHz, Q = 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 13.
Middle center frequencies @ gain = 14 dB, Q = 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 14.
Middle quality factors @ gain = 14 dB, fC = 1 kHz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 15.
Treble control @ fC = 17.5 kHz. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 16.
Treble center frequencies @ gain = 14 dB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 17.
Subwoofer cut frequencies . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 18.
DC offset detection circuit (simplified) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 19.
Test circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 20.
I2C bus interface protocol . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 21.
I2C bus data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 22.
TSSOP28 mechanical data and package dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com