Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7718N Datasheet(PDF) 35 Page - STMicroelectronics

Part # TDA7718N
Description  3 band car audio processor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7718N Datasheet(HTML) 35 Page - STMicroelectronics

Back Button TDA7718N Datasheet HTML 31Page - STMicroelectronics TDA7718N Datasheet HTML 32Page - STMicroelectronics TDA7718N Datasheet HTML 33Page - STMicroelectronics TDA7718N Datasheet HTML 34Page - STMicroelectronics TDA7718N Datasheet HTML 35Page - STMicroelectronics TDA7718N Datasheet HTML 36Page - STMicroelectronics TDA7718N Datasheet HTML 37Page - STMicroelectronics TDA7718N Datasheet HTML 38Page - STMicroelectronics TDA7718N Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
TDA7718N
I2C bus specification
Doc ID 16502 Rev 1
35/40
Table 16.
Bass filter (11)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
--
-
0
0
:
0
0
1
1
:
1
1
0
0
:
1
1
1
1
:
0
0
0
0
:
1
1
1
1
:
0
0
0
0
:
1
1
1
1
:
0
0
0
1
:
0
1
1
0
:
1
0
Gain/attenuation
-15 dB
-14 dB
:
-1 dB
0dB
0dB
+1 dB
:
+14 dB
+15 dB
-
0
0
1
1
0
1
0
1
-
-
---
Bass Q factor
1.0
1.25
1.5
2.0
0
1
-
-
-
-
---
Soft step action
Act
Wait
Table 17.
Subwoofer / middle / bass (12)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
--
-
-
-
-
0
0
1
1
0
1
0
1
Subwoofer cut-off frequency
55 Hz
85 Hz
120 Hz
160 Hz
--
-
-
-0
1
--
Subwoofer output phase
180 deg
0 deg
--
-
0
0
1
1
0
1
0
1
--
-
Middle center frequency
500 Hz
1000 Hz
1500 Hz
2500 Hz
-
0
0
1
1
0
1
0
1
--
-
-
-
Bass center frequency
60 Hz
80 Hz
100 Hz
200 Hz
0
1
--
-
-
-
-
-
Bass DC mode
On
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com