Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7718N Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7718N
Description  3 band car audio processor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7718N Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7718N Datasheet HTML 13Page - STMicroelectronics TDA7718N Datasheet HTML 14Page - STMicroelectronics TDA7718N Datasheet HTML 15Page - STMicroelectronics TDA7718N Datasheet HTML 16Page - STMicroelectronics TDA7718N Datasheet HTML 17Page - STMicroelectronics TDA7718N Datasheet HTML 18Page - STMicroelectronics TDA7718N Datasheet HTML 19Page - STMicroelectronics TDA7718N Datasheet HTML 20Page - STMicroelectronics TDA7718N Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
TDA7718N
Description of the audioprocessor
Doc ID 16502 Rev 1
17/40
4.3
SoftMute
The digitally controlled SoftMute stage allows muting/demuting the signal with a I2C bus
programmable slope. The mute process can either be activated by the SoftMute pin or by
the I2C bus. This slope is realized in a special S-shaped curve to mute slow in the critical
regions (see Figure 7).
For timing purposes the bit 0 of the I2C bus output register is set to 1 from the start of muting
until the end of demuting.
Figure 7.
SoftMute timing
Note:
Please notice that a started mute-action is always terminated and could not be interrupted
by a change of the mute –signal.
4.4
SoftStep volume
When the volume-level is changed audible clicks could appear at the output. The root cause
of those clicks could either be a DC-offset before the volume-stage or the sudden change of
the envelope of the audio signal. With the SoftStep-feature both kinds of clicks could be
reduced to a minimum and are no more audible. The blend-time from one step to the next is
programmable as 5 ms or 10 ms. The SoftStep control is described in detail in Chapter 4.9.
1
EXT.
MUTE
+SIGNAL
REF
-SIGNAL
1
I
2C BUS
OUT
Time
D97AU634



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com