Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7718N Datasheet(PDF) 36 Page - STMicroelectronics

Part # TDA7718N
Description  3 band car audio processor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7718N Datasheet(HTML) 36 Page - STMicroelectronics

Back Button TDA7718N Datasheet HTML 32Page - STMicroelectronics TDA7718N Datasheet HTML 33Page - STMicroelectronics TDA7718N Datasheet HTML 34Page - STMicroelectronics TDA7718N Datasheet HTML 35Page - STMicroelectronics TDA7718N Datasheet HTML 36Page - STMicroelectronics TDA7718N Datasheet HTML 37Page - STMicroelectronics TDA7718N Datasheet HTML 38Page - STMicroelectronics TDA7718N Datasheet HTML 39Page - STMicroelectronics TDA7718N Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
I2C bus specification
TDA7718N
36/40
Doc ID 16502 Rev 1
Table 18.
Speaker attenuation (FL/FR/RL/RR/SWL/SWR) (13-18)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
-
0
0
:
0
0
0
:
1
1
1
0
0
:
0
0
0
:
0
0
1
0
0
:
0
1
1
:
1
1
x
0
0
:
1
0
0
:
1
1
x
0
0
:
1
0
0
:
1
1
x
0
0
:
1
0
0
:
1
1
x
0
1
:
1
0
1
:
0
1
x
Gain/attenuation
0dB
1dB
:
+15 dB
-0 dB
-1 dB
:
-78 dB
-79 dB
mute
0
1
--
-
-
-
-
-
Soft step action
Act
Wait
Table 19.
Testing audio processor 1 (19)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
--
--
-
-
-
0
1
Audio processor testing mode
Off
On
--
-
0
0
0
0
0
0
0
0
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
0
1
1
0
0
1
1
0
0
1
0
1
0
1
0
1
0
1
0
1
0
-
Test multiplexer at SE1L (1)
SSCLK
REQ
SMCLK
DCDet Vth High
DCDet Vth Low
IntZeroErr
Ref5V5
VGB1.95
Clock200k
SDCLK
VrefDCO
--
0
1
--
-
-
-
Clock fast mode (2)
On
Off
-0
1
--
-
-
-
-
Clock source (2)
External
Internal (200 kHz)
0
1
--
-
-
-
-
-
Attenuator gain clock control (2)
On
Off
1.
The control bit needs both I2C test mode on & sub-address test mode on.
2.
The control bit does not depend on test mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com