Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL2129AT Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SSL2129AT
Description  Dimmable LED controller IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL2129AT Datasheet(HTML) 2 Page - NXP Semiconductors

  SSL2129AT Datasheet HTML 1Page - NXP Semiconductors SSL2129AT Datasheet HTML 2Page - NXP Semiconductors SSL2129AT Datasheet HTML 3Page - NXP Semiconductors SSL2129AT Datasheet HTML 4Page - NXP Semiconductors SSL2129AT Datasheet HTML 5Page - NXP Semiconductors SSL2129AT Datasheet HTML 6Page - NXP Semiconductors SSL2129AT Datasheet HTML 7Page - NXP Semiconductors SSL2129AT Datasheet HTML 8Page - NXP Semiconductors SSL2129AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
SSL2129AT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 23 October 2012
2 of 21
NXP Semiconductors
SSL2129AT
Dimmable LED controller IC
Brownout protection
Mains phase cut dimmable LED driver solution:
Supports both leading and trailing-edge dimmers
Easy external temperature protection with a single NTC
Open output protection using external components
Compatible with wall switches with built-in indication light during standby
IC lifetime easily matches or surpasses LED lamp lifetime
Input current distributed evenly over the phase, reducing required output capacitor
size and bleeder dissipation
3.
Applications
The SSL2129AT is intended for mains dimmable compact LED lamps for single mains
input voltages. Mains input voltages include 100 V, 120 V and 230 V (AC). The external
components determine the power range.
4.
Quick reference data
5.
Ordering information
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
operating range
8
-
14
V
ICC(INT)
internal supply current
normal operation
-
1.3
-
mA
VHV
voltage on pin HV
-
-
600
V
VDRAIN
voltage on pin DRAIN
0.4
-
600
V
fconv
conversion frequency
-
100
-
kHz
Vo(DRIVER)max maximum output voltage
on pin DRIVER
VCC > VCC(startup)
9
10.5
12
V
Table 2.
Ordering information
Type number
Package
Name
Description
Version
SSL2129AT
SO8
plastic small package outline body; 8 leads; body width
3.9 mm
SOT96-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com