Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL2129AT Datasheet(PDF) 14 Page - NXP Semiconductors

Part # SSL2129AT
Description  Dimmable LED controller IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL2129AT Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button SSL2129AT Datasheet HTML 10Page - NXP Semiconductors SSL2129AT Datasheet HTML 11Page - NXP Semiconductors SSL2129AT Datasheet HTML 12Page - NXP Semiconductors SSL2129AT Datasheet HTML 13Page - NXP Semiconductors SSL2129AT Datasheet HTML 14Page - NXP Semiconductors SSL2129AT Datasheet HTML 15Page - NXP Semiconductors SSL2129AT Datasheet HTML 16Page - NXP Semiconductors SSL2129AT Datasheet HTML 17Page - NXP Semiconductors SSL2129AT Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
SSL2129AT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 23 October 2012
14 of 21
NXP Semiconductors
SSL2129AT
Dimmable LED controller IC
12. Application information
An LED driver with the SSL2129AT can be a buck, tapped buck or flyback converter
operating in BCM (see Figure 7). The tapped buck option offers the advantage of larger
duty factor and less peak current through the MOSFET switch, resulting in higher
efficiency and higher converter ratio. The recommended voltage swing on the DRAIN pin
is limited by the
V
vrec(min) parameter. With a tapped buck configuration, this limitation is
overcome enabling lower output voltages.
It is recommended for 230 V applications that a TVS is placed after the rectifier bridge to
limit maximum voltage over the bus. In mains dimmable solutions, the bus voltage can
become substantially higher than the nominal mains voltage without clamping because of
line resonance and rectification. This can destroy the electrolytic capacitors, IC or
MOSFET. Open string protection can be added using the auxiliary winding voltage to
pull-down the NTC pin voltage. In addition, the TVS prevents voltage spikes due to for
example lighting surges.
Further information can be found in the SSL2129AT application note.
Fig 6.
A typical mains dimmable buck 120 V (AC) SSL2129AT application
BD1
MBS
BSP89
F1
SQQ 1
C1
0.22 μF
C2
0.22 μF
C4
1 μF
C3
470 μF
D1
ES1F
D3
IN4148W
L1
1 mH
L2
470 μH
SRR1210
R5
200 Ω
R4
84.5 kΩ
R3
Q3
1.5 MΩ
C7
15 nF
C5
220 pF
250 V
C6
82 pF
R6
9.1 Ω
Q2
Q1
FDD7N25
R1
0.43 Ω
U4
U7
U5
120 VAC
MOV1
V150LA1P
RGND
R10
220 kΩ
NTC
R7
D5
IN4148W
D2
ESF1
D4
1N4148W
D9
D6
2.4 V
2.2 kΩ
R8
226 kΩ
GND
40 V 427 mA
8
7
6
5
1
U1
IC
2
3
4
HV
VCC
NTC
SOURCE
DRAIN
GND
TONMOD
DRIVER
aaa-005192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com