Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL2129AT Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SSL2129AT
Description  Dimmable LED controller IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL2129AT Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SSL2129AT Datasheet HTML 9Page - NXP Semiconductors SSL2129AT Datasheet HTML 10Page - NXP Semiconductors SSL2129AT Datasheet HTML 11Page - NXP Semiconductors SSL2129AT Datasheet HTML 12Page - NXP Semiconductors SSL2129AT Datasheet HTML 13Page - NXP Semiconductors SSL2129AT Datasheet HTML 14Page - NXP Semiconductors SSL2129AT Datasheet HTML 15Page - NXP Semiconductors SSL2129AT Datasheet HTML 16Page - NXP Semiconductors SSL2129AT Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
SSL2129AT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 23 October 2012
13 of 21
NXP Semiconductors
SSL2129AT
Dimmable LED controller IC
[1]
The maximum operating voltage at VCC can exceed 14 V.
[2]
This parameter is not tested during production, by design it is guaranteed
Brownout detection
Vth(TONMOD)
threshold voltage on pin TONMOD
3.75
4
4.25
V
Ioffset(TONMOD)
offset current on pin TONMOD
37
43
48
A
ton(high)
high on-time
12.5
15
17.5
s
Driver (pin DRIVER)
Isource(DRIVER)
source current on pin DRIVER
1.5 ms maximum; VDRIVER = 2 V
-
0.195 -
A
Isink(DRIVER)
sink current on pin DRIVER
20
s maximum; V
DRIVER = 2 V
-
0.28
-
A
20
s maximum; V
DRIVER = 10 V
-
0.46
-
A
Vo(DRIVER)max
maximum output voltage on pin
DRIVER
VCC > VCC(startup)
9
10.5
12
V
Vo(DRIVER)min
minimum output voltage on pin
DRIVER
VCC = VCC(stop)
6.5
7.5
8.5
V
NTC functionality
Vth(high)NTC
high threshold voltage on pin NTC
0.47
0.5
0.53
V
Vth(low)NTC
low threshold voltage on pin NTC
0.325
0.35
0.375 V
Vact(tmr)NTC
timer activation voltage on pin NTC
0.26
0.3
0.325 V
Vdeact(tmr)NTC
timer deactivation voltage on pin
NTC
0.17
0.2
0.23
V
tto(deact)NTC
deactivation time-out time on pin
NTC
33
46
59
s
Ioffset(NTC)
offset current on pin NTC
-
47
-
A
Temperature protection
Tth(act)otp
overtemperature protection
activation threshold temperature
160
170
180
C
Tth(rel)otp
overtemperature protection
release threshold temperature
90
100
110
C
Table 6.
Characteristics …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com