Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL2129AT Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SSL2129AT
Description  Dimmable LED controller IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL2129AT Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SSL2129AT Datasheet HTML 7Page - NXP Semiconductors SSL2129AT Datasheet HTML 8Page - NXP Semiconductors SSL2129AT Datasheet HTML 9Page - NXP Semiconductors SSL2129AT Datasheet HTML 10Page - NXP Semiconductors SSL2129AT Datasheet HTML 11Page - NXP Semiconductors SSL2129AT Datasheet HTML 12Page - NXP Semiconductors SSL2129AT Datasheet HTML 13Page - NXP Semiconductors SSL2129AT Datasheet HTML 14Page - NXP Semiconductors SSL2129AT Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
SSL2129AT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 23 October 2012
11 of 21
NXP Semiconductors
SSL2129AT
Dimmable LED controller IC
9.
Limiting values
[1]
An internal clamp sets the supply voltage and current limits.
[2]
Human body model: equivalent to discharging a 100 pF capacitor through a 1.5 k
 series resistor.
[3]
Charged device model: equivalent to charging the IC up to 1 kV and the subsequent discharging of each
pin down to 0 V over a 1
 resistor.
10. Thermal characteristics
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
General
SR
slew rate
on pin DRAIN
5
+5
V/ns
Ptot
total power dissipation
SO8 package
-
0.6
W
Tamb
ambient temperature
40
+125
C
Tj
junction temperature
40
+150
C
Tstg
storage temperature
55
+150
C
Voltages
VCC
supply voltage
continuous [1]
0.4
+14
V
VDRAIN
voltage on pin DRAIN
0.4
+600
V
VHV
voltage on pin HV
current limited
0.4
+600
V
VSOURCE
voltage on pin SOURCE
current limited
0.4
+5.2
V
VNTC
voltage on pin NTC
current limited
0.4
+5.2
V
Currents
IDD
supply current
on pin VCC
-
20
mA
VESD
electrostatic discharge
voltage
human body
model; (for all pins
except DRAIN and
HV)
[2]
2
+2
kV
human body
model for DRAIN
and HV
1
+1
kV
charged device
[3]
500
+500
V
Table 5.
Thermal characteristics
Symbol Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air; PCB: 2 cm
3 cm; 2-layer;
35
m Cu per layer
159
K/W
in free air; PCB: JEDEC 2s2p
89
K/W
j-top
thermal resistance from
junction to top
top package temperature measured
at the warmest point on top of the
case
0.49
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com