Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL2129AT Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SSL2129AT
Description  Dimmable LED controller IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL2129AT Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SSL2129AT Datasheet HTML 5Page - NXP Semiconductors SSL2129AT Datasheet HTML 6Page - NXP Semiconductors SSL2129AT Datasheet HTML 7Page - NXP Semiconductors SSL2129AT Datasheet HTML 8Page - NXP Semiconductors SSL2129AT Datasheet HTML 9Page - NXP Semiconductors SSL2129AT Datasheet HTML 10Page - NXP Semiconductors SSL2129AT Datasheet HTML 11Page - NXP Semiconductors SSL2129AT Datasheet HTML 12Page - NXP Semiconductors SSL2129AT Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
SSL2129AT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 23 October 2012
9 of 21
NXP Semiconductors
SSL2129AT
Dimmable LED controller IC
8.8 NTC functionality
The NTC pin can be used as a control method for LED thermal protection.
When the voltage on the NTC pin is higher than Vth(high)NTC, see Figure 5 (4), the
converter delivers nominal output current. When the voltage is lower than this level, the
peak current is gradually reduced until Vth(low)NTC is reached, see Figure 5 (3). The peak
current is now half the peak current of nominal operation. When Vact(tmr)NTC is passed, see
Figure 5 (2), a timer starts to run to distinguish between the following situations:
If the low-level Vdeact(tmr)NTC is not reached within time tto(deact)NTC Figure 5 (1), LED
overtemperature is detected. The IC stops switching and attempts to restart from the
HV pin voltage. Restart takes place when the voltage on NTC pin is higher than
Vth(high)NTC, see Figure 5 (4). It is assumed that the reduction in peak current did not
result in a lower NTC temperature and LED OTP is activated.
If the low-level Vdeact(tmr)NTC is reached within the time tto(deact)NTC Figure 5 (1), it is
assumed that the pin is pulled down externally. The restart function is not triggered.
Instead, the output current is reduced to zero. The output current rises again when the
voltage is higher than Vdeact(tmr)NTC.
8.8.1 Soft-start function
The NTC pin can be used to make a soft start function. During switch-on, the level on the
NTC pin is low. By connecting a capacitor (in parallel with the NTC resistor), a time
constant can be defined. The time constant causes the level on the NTC pin to increase
slowly. When passing level Vth(low)NTC Figure 5 (3), the convertor starts with half of the
maximum current. The output current slowly increases to maximum when Vth(high)NTC
Figure 5 (4) is reached.
Fig 5.
NTC control curve
001aan700
2
3
4
5
Ipk
Peak current
Ipk / 2
Vth(ocp)SOURCE = 500 mV
Vth(ocp)SOURCE = 250 mV
VNTC
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com