Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL2129AT Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SSL2129AT
Description  Dimmable LED controller IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL2129AT Datasheet(HTML) 1 Page - NXP Semiconductors

  SSL2129AT Datasheet HTML 1Page - NXP Semiconductors SSL2129AT Datasheet HTML 2Page - NXP Semiconductors SSL2129AT Datasheet HTML 3Page - NXP Semiconductors SSL2129AT Datasheet HTML 4Page - NXP Semiconductors SSL2129AT Datasheet HTML 5Page - NXP Semiconductors SSL2129AT Datasheet HTML 6Page - NXP Semiconductors SSL2129AT Datasheet HTML 7Page - NXP Semiconductors SSL2129AT Datasheet HTML 8Page - NXP Semiconductors SSL2129AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1.
General description
The SSL2129AT is a high-voltage Integrated Circuit (IC) for driving LED lamps in general
lighting applications.
The main benefits of this IC include:
Small Printed-Circuit Board (PCB) footprint and compact solution
High efficiency (up to 95 %) for non-dimmable high power factor solutions
High power factor (>0.9)
Ease of integration and many protection features
Low electronic Bill Of Material (BOM)
Mains phase-cut dimmable using external components
Highly flexible IC for use in buck, buck/boost and flyback modes
Single inductor used for non-isolated configurations because of internal
demagnetization detection and dV/dt supply
The IC range has been designed to start up directly from the HV supply using an internal
high-voltage current source. An internal clamp limits the supply voltage.
2.
Features and benefits
LED controller IC for driving strings of LEDs or high-voltage LED modules from a
rectified mains supply
Controller provides power-efficient boundary conduction mode of operation with:
No reverse recovery losses in freewheel diode
Zero-Current Switching (ZCS) for switch turn-on
Zero-voltage or valley switching for switch turn-off
Minimal required inductance value and size
Fast transient response through cycle-by-cycle current control:
No over or undershoots in the LED current
Simple high input power factor solution (>0.9)
Internal Protection features:
UnderVoltage LockOut (UVLO)
Leading-Edge Blanking (LEB)
OverCurrent Protection (OCP)
Internal OverTemperature Protection (OTP)
SSL2129AT
Dimmable LED controller IC
Rev. 2 — 23 October 2012
Product data sheet


Similar Part No. - SSL2129AT

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SSL210 YANGJIE-SSL210 Datasheet
187Kb / 2P
Schottky Rectifier
logo
DONGGUAN YOU FENG WEI E...
SSL210 YFWDIODE-SSL210 Datasheet
462Kb / 3P
Surface Mount Schottky Barrier Rectifier
logo
RFE international
SSL210 RFE-SSL210 Datasheet
3Mb / 3P
Surface Mount Schottky Rectifier
10-17-2022
logo
NXP Semiconductors
SSL2101 NXP-SSL2101 Datasheet
118Kb / 22P
SMPS IC for dimmable LED lighting
Rev. 04-28 August 2009
SSL2101 PHILIPS-SSL2101 Datasheet
160Kb / 23P
Dimmable GreenChip driver for LED lighting
Rev. 4.1-5 December 2011
More results

Similar Description - SSL2129AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSL2103 NXP-SSL2103 Datasheet
414Kb / 21P
SMPS controller IC for dimmable LED lighting
Rev. 2-25 November 2010
logo
Maxim Integrated Produc...
MAX16841 MAXIM-MAX16841 Datasheet
1Mb / 18P
Controller IC for Dimmable Offline LED Lamps
Rev 0; 10/11
logo
Cirrus Logic
CS1610 APEX-CS1610 Datasheet
274Kb / 17P
TRIAC Dimmable LED Driver IC
logo
Maxim Integrated Produc...
MAX16841 MAXIM-MAX16841_13 Datasheet
1Mb / 18P
Controller IC for Dimmable Offline LED Lamps
Rev 1; 6/13
logo
Diodes Incorporated
AL1692 DIODES-AL1692 Datasheet
787Kb / 15P
DIMMABLE LED CONTROLLER/DRIVERS
Rev 1
logo
Rohm
BD550FHG ROHM-BD550FHG Datasheet
919Kb / 21P
AC/DC Controller IC for non-dimmable LED lighting
logo
Cirrus Logic
CS1610 CIRRUS-CS1610 Datasheet
271Kb / 16P
TRIAC Dimmable LED Driver IC
CS1610A CIRRUS-CS1610A Datasheet
264Kb / 18P
TRIAC Dimmable LED Driver IC
logo
Diodes Incorporated
AL1692 DIODES-AL1692_17 Datasheet
424Kb / 15P
DIMMABLE LED CONTROLLER/DRIVERS
Rev 2
AL5817 DIODES-AL5817 Datasheet
400Kb / 13P
60V LINEAR DIMMABLE LED CONTROLLER
Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com