Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL2129AT Datasheet(PDF) 15 Page - NXP Semiconductors

Part # SSL2129AT
Description  Dimmable LED controller IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL2129AT Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button SSL2129AT Datasheet HTML 11Page - NXP Semiconductors SSL2129AT Datasheet HTML 12Page - NXP Semiconductors SSL2129AT Datasheet HTML 13Page - NXP Semiconductors SSL2129AT Datasheet HTML 14Page - NXP Semiconductors SSL2129AT Datasheet HTML 15Page - NXP Semiconductors SSL2129AT Datasheet HTML 16Page - NXP Semiconductors SSL2129AT Datasheet HTML 17Page - NXP Semiconductors SSL2129AT Datasheet HTML 18Page - NXP Semiconductors SSL2129AT Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
SSL2129AT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 23 October 2012
15 of 21
NXP Semiconductors
SSL2129AT
Dimmable LED controller IC
Fig 7.
A typical mains dimmable tapped buck 230 V (AC) SSL2129AT application
,&
+9
'5$,1
9&&
*1'
17&
72102'
6285&(
'5,9(5
DDD








/('
/('






Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com