Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW82101B Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW82101B
Description  RF down converter with embedded integer-N synthesizer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW82101B Datasheet(HTML) 1 Page - STMicroelectronics

  STW82101B Datasheet HTML 1Page - STMicroelectronics STW82101B Datasheet HTML 2Page - STMicroelectronics STW82101B Datasheet HTML 3Page - STMicroelectronics STW82101B Datasheet HTML 4Page - STMicroelectronics STW82101B Datasheet HTML 5Page - STMicroelectronics STW82101B Datasheet HTML 6Page - STMicroelectronics STW82101B Datasheet HTML 7Page - STMicroelectronics STW82101B Datasheet HTML 8Page - STMicroelectronics STW82101B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
This is information on a product in full production.
May 2012
Doc ID 018503 Rev 3
1/68
1
STW82101B
RF down converter with embedded integer-N synthesizer
Datasheet
−production data
Features
■ High linearity:
– IIP3: +24.5 dBm
– 2FRF-2FLO spurious rejection: 75 dBc
■ Noise figure:
–NF: 9.5 dB
■ Conversion gain
– CG: 8.5 dB
■ RF range: 695 MHz to 960 MHz
■ Wide IF amplifier frequency range: 70 MHz to
400 MHz
■ Integrated RF balun with internal matching
■ Dual differential integrated VCOs with
automatic center frequency calibration:
– LOA: 850 to 1025 MHz
– LOB: 1025 to 1185 MHz
■ Embedded integer-N synthesizer
– Dual modulus programmable prescaler
(16/17 or 19/20)
– Programmable reference frequency divider
(10 bits)
– Adjustable charge pump current
– Digital lock detector
– Excellent integrated phase noise
– Fast lock time: 150 µs
■ Integrated DAC with dual current output
■ Supply: 3.3 V and 5 V analog,
3.3 V digital
■ Dual digital bus interface: SPI and I2C bus (fast
mode) with 3 bit programmable address
(1101A2A1A0)
■ Process: 0.35 µm BICMOS SiGe
■ Operating temperature range -40 to +85oC
■ 44-lead exposed pad VFQFPN
package 7x7x1.0 mm
Applications
■ Cellular infrastructure equipment:
– IF sampling receivers
– Digital PA linearization loops
■ Other wireless communication systems.
Description
The STMicroelectronics STW82101B is an
integrated down converter providing 8.5 dB of
gain, 9.5 dB NF, and a very high input linearity by
means of its passive mixer.
Embedding two wide band auto calibrating VCOs
and an integer-N synthesizer, the STW82101B is
suitable for both Rx and Tx requirements for
Cellular infrastructure equipment.
The integrated RF balun and internal matching
permit direct 50 ohm single-ended interface to RF
port. The IF output is suitable for driving 200-ohm
impedance filters.
By embedding a DAC with dual current output to
drive an external PIN diode attenuator, the
STW82101B replaces several costly discrete
components and offers a significant footprint
reduction.
The STW82101B device is designed with
STMicroelectronics advanced 0.35 µm
SiGe process. Its performance is specified over a
-40 °C to +85 °C temperature range.
Table 1.
Device summary
Part number
Package
Packaging
STW82101B
VFQFPN-44
Tray
STW82101BTR
VFQFPN-44
Tape and reel
VFQFPN-44
www.st.com


Similar Part No. - STW82101B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW82100B STMICROELECTRONICS-STW82100B Datasheet
753Kb / 67P
RF down converter with embedded integer-N synthesizer
10-May-2012
STW82102B STMICROELECTRONICS-STW82102B Datasheet
725Kb / 67P
RF down converter with embedded integer-N synthesizer
29-Mar-2012
STW82103B STMICROELECTRONICS-STW82103B Datasheet
768Kb / 67P
RF down converter with embedded integer-N synthesizer
19-Apr-2012
More results

Similar Description - STW82101B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC440QS16G HITTITE-HMC440QS16G_08 Datasheet
388Kb / 10P
2.8 GHz INTEGER-N SYNTHESIZER
logo
Analog Devices
ADF4151 AD-ADF4151 Datasheet
462Kb / 28P
Fractional-N/Integer-N PLL Synthesizer
REV. B
logo
STMicroelectronics
STW82100B STMICROELECTRONICS-STW82100B Datasheet
753Kb / 67P
RF down converter with embedded integer-N synthesizer
10-May-2012
STW82102B STMICROELECTRONICS-STW82102B Datasheet
725Kb / 67P
RF down converter with embedded integer-N synthesizer
29-Mar-2012
STW82103B STMICROELECTRONICS-STW82103B Datasheet
768Kb / 67P
RF down converter with embedded integer-N synthesizer
19-Apr-2012
logo
Asahi Kasei Microsystem...
AK1544 AKM-AK1544 Datasheet
957Kb / 37P
1300MHz Integer-N Frequency Synthesizer
logo
Analog Devices
ADF4150BCPZ AD-ADF4150BCPZ Datasheet
486Kb / 28P
Fractional-N/Integer-N PLL Synthesizer
REV. 0
HMC440QS16G AD-HMC440QS16G Datasheet
593Kb / 10P
2.8 GHz INTEGER-N SYNTHESIZER
HMC698LP5 AD-HMC698LP5 Datasheet
995Kb / 12P
7 GHz INTEGER N SYNTHESIZER
HMC699LP5 AD-HMC699LP5 Datasheet
995Kb / 12P
7 GHz INTEGER N SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com