Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW82101B Datasheet(PDF) 35 Page - STMicroelectronics

Part # STW82101B
Description  RF down converter with embedded integer-N synthesizer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW82101B Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STW82101B Datasheet HTML 31Page - STMicroelectronics STW82101B Datasheet HTML 32Page - STMicroelectronics STW82101B Datasheet HTML 33Page - STMicroelectronics STW82101B Datasheet HTML 34Page - STMicroelectronics STW82101B Datasheet HTML 35Page - STMicroelectronics STW82101B Datasheet HTML 36Page - STMicroelectronics STW82101B Datasheet HTML 37Page - STMicroelectronics STW82101B Datasheet HTML 38Page - STMicroelectronics STW82101B Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 68 page
background image
STW82101B
I2C bus interface
Doc ID 018503 Rev 3
35/68
9.1.2
START and STOP conditions
Figure 15.
START and STOP condition waveform
START condition
A START condition is identified by a HIGH to LOW transition of the data bus SDA while the
clock signal SCL is stable in the HIGH state. A Start condition must precede any command
for data transfer.
STOP condition
A STOP condition is identified by a transition of the data bus SDA from LOW to HIGH while
the clock signal SCL is stable in the HIGH state.. A STOP condition terminates
communications between the STW82101B and the Bus Master.
9.1.3
Byte format and acknowledge
Every byte (8 bits long) transferred on the SDA line must contain bits. Each byte must be
followed by an acknowledge bit. The MSB is transferred first.
An acknowledge bit indicates a successful data transfer. The transmitter, either master or
slave, releases the SDA bus after sending 8 bits of data. During the 9th clock pulse the
receiver pulls the SDA low to acknowledge the receipt of 8 bits of data.
Figure 16.
Byte format and acknowledge waveform
SCL
SDA
START
STOP
SCL
SDA
START
MSB
1
2
3
7
8
9
STOP
Acknowledgement
from receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com