Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW82101B Datasheet(PDF) 17 Page - STMicroelectronics

Part # STW82101B
Description  RF down converter with embedded integer-N synthesizer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW82101B Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STW82101B Datasheet HTML 13Page - STMicroelectronics STW82101B Datasheet HTML 14Page - STMicroelectronics STW82101B Datasheet HTML 15Page - STMicroelectronics STW82101B Datasheet HTML 16Page - STMicroelectronics STW82101B Datasheet HTML 17Page - STMicroelectronics STW82101B Datasheet HTML 18Page - STMicroelectronics STW82101B Datasheet HTML 19Page - STMicroelectronics STW82101B Datasheet HTML 20Page - STMicroelectronics STW82101B Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 68 page
background image
STW82101B
Electrical characteristics
Doc ID 018503 Rev 3
17/68
Table 7.
Pin diode attenuator driver (dual output current DAC) electrical characteristics
Symbol
Parameters
Conditions
Min
Typ
Max
Unit
R
Resolution
-
-
10
-
Bit
DNL
Differential non linearity
-
-0.05
-
0.05
LSB
INL
Integral non linearity
-
-0.45
-
0.45
LSB
IFS
Full Scale current (1)
-0.28
-
2.8
mA
-
Current Mismatch
-
-
-
2
%
-
Output voltage compliance
range
-0
-
3
V
VREXT_DAC
Voltage Reference
-
-
1.19
V
REXT_DAC
REXT DAC Range
-
10
-
100
k
Ω
Iccstatic
Static current consumption
(Iout = 0 mA; pin 1)
-
2.5
-
mA
1.
See relationship between IDAC and REXT_DAC in the Circuit Description section (Dual Output Current DAC)
Table 8.
Integer-N synthesizer electrical characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCO dividers
N
VCO Divider Ratio (N)
Prescaler 16/17
256
-
65551
-
Prescaler 19/20
361
-
77836
-
Reference clock and phase frequency detector
Fref
Reference input frequency
-
10
19.2
200
MHz
-
Reference input sensitivity
-
0.35
1
1.5
Vpeak
R
Reference Divider Ratio
-
2
-
1023
FPFD
PFD input frequency
-
-
-
16
MHz
FSTEP
Frequency step (1)
Prescaler 16/17
FLO/
65551
-
FLO/
256
Hz
Prescaler 19/20
FLO/
77836
-
FLO/
361
Hz
Charge pump
ICP
ICP sink/source (2)
3bit programmable
-
-
5
mA
VOCP
Output voltage compliance range
-
0.4
-
Vdd-0.3 V
-
Spurious(3)
--
-70
-
dBc
VCOs
KVCOA
VCOA sensitivity
Higher frequency range
-
90
-
MHz/V
Intermediate frequency
range
-
70
-
MHz/V
Lower frequency range
-
60
-
MHz/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com