Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW82101B Datasheet(PDF) 46 Page - STMicroelectronics

Part # STW82101B
Description  RF down converter with embedded integer-N synthesizer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW82101B Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STW82101B Datasheet HTML 42Page - STMicroelectronics STW82101B Datasheet HTML 43Page - STMicroelectronics STW82101B Datasheet HTML 44Page - STMicroelectronics STW82101B Datasheet HTML 45Page - STMicroelectronics STW82101B Datasheet HTML 46Page - STMicroelectronics STW82101B Datasheet HTML 47Page - STMicroelectronics STW82101B Datasheet HTML 48Page - STMicroelectronics STW82101B Datasheet HTML 49Page - STMicroelectronics STW82101B Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 68 page
background image
I2C bus interface
STW82101B
46/68
Doc ID 018503 Rev 3
9.4
Device calibration through the I2C interface
9.4.1
VCO calibration procedure (I2C interface)
The calibration of the VCO center frequency is activated by setting the SERCAL bit of the
MUTE & CALIBRATION register to ’1’.
To program the device ensuring a correct VCO calibration, the following procedure is
required before every channel change:
1.
Program all the Registers using a multi-byte write sequence with the desired setting:
–
Functional Mode
–
B and A counters
–
R counter
–
VCO amplitude
–
Charge Pump
–
Prescaler Modulus
–DAC
–
Mixer and LO Control
–
all bits of the MUTE & CALIBRATION Register (0x05) set to ’0’.
2.
Program the MUTE & CALIBRATION register using a single-byte write sequence (sub-
address 0x05) with the SERCAL bit set to ’1’.
The maximum allowed PFD frequency (FPFD) to perform the calibration process is 1 MHz. If
the desired FPFD is higher than 1 MHz the following steps are needed:
3.
Perform all the step of the above calibration procedure programming the desired VCO
frequency with a proper setting of R, B and A counter so that FPFD results lower than
1MHz.
4.
Once calibration is completed, program all the Registers by using a multi-byte write
sequence (Functional Mode, B and A counters, R counter, VCO amplitude, Charge
Pump, Prescaler Modulus, DAC, Mixer and LO Control) with the proper settings for the
desired VCO and PFD frequencies.
9.4.2
Power ON sequence (I2C interface)
At power-on the device is configured in power-down mode.
In order to guarantee correct setting of the internal circuitry after the power on, the following
steps must be followed:
1.
Power up the device
2.
Provide the Reference clock
3.
Implement the first programming sequence with a proper delay time between the STOP
condition of the multi-byte write sequence and that of the single-byte write sequence
(see Figure 20). The Tdelay value must respect the following condition:
Fref is the reference clock frequency.
T
delay
1023
1
F
ref
----------
×
>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com