Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW82101B Datasheet(PDF) 30 Page - STMicroelectronics

Part # STW82101B
Description  RF down converter with embedded integer-N synthesizer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW82101B Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STW82101B Datasheet HTML 26Page - STMicroelectronics STW82101B Datasheet HTML 27Page - STMicroelectronics STW82101B Datasheet HTML 28Page - STMicroelectronics STW82101B Datasheet HTML 29Page - STMicroelectronics STW82101B Datasheet HTML 30Page - STMicroelectronics STW82101B Datasheet HTML 31Page - STMicroelectronics STW82101B Datasheet HTML 32Page - STMicroelectronics STW82101B Datasheet HTML 33Page - STMicroelectronics STW82101B Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
General description
STW82101B
30/68
Doc ID 018503 Rev 3
VCO calibration auto-restart feature
The VCO Calibration Auto-Restart feature, once activated, allows the calibration procedure
to be restarted when the Lock Detector reports that the PLL has moved to an unlock
condition (trigger on ‘1’ to ‘0’ transition of Lock Detector signal).
This situation could happen if the device experiences a significant temperature variation and
the CALTYPE bit is set for optimum PLL phase noise performance (CALTYPE [0]).
By enabling the VCO Calibration Auto-Restart feature (through the AUTO_CAL bit), the
device re-selects the proper VCO frequency sub-range, without any external user
command.
This feature can be enabled only when the FPFD is lower than 1 MHz.
VCO voltage amplitude control
The voltage swing of the VCOs can be adjusted over 4 levels by means of two dedicated
programming bits (PLL_A1 and PLL_A0). This setting trades current consumption with
phase noise performances of the VCO. Higher amplitudes provide best phase noise while
lower ones save power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com