Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW82101B Datasheet(PDF) 40 Page - STMicroelectronics

Part # STW82101B
Description  RF down converter with embedded integer-N synthesizer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW82101B Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STW82101B Datasheet HTML 36Page - STMicroelectronics STW82101B Datasheet HTML 37Page - STMicroelectronics STW82101B Datasheet HTML 38Page - STMicroelectronics STW82101B Datasheet HTML 39Page - STMicroelectronics STW82101B Datasheet HTML 40Page - STMicroelectronics STW82101B Datasheet HTML 41Page - STMicroelectronics STW82101B Datasheet HTML 42Page - STMicroelectronics STW82101B Datasheet HTML 43Page - STMicroelectronics STW82101B Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 68 page
background image
I2C bus interface
STW82101B
40/68
Doc ID 018503 Rev 3
9.3.2
I2C register definitions
FUNCTIONAL_MODE
Functional mode register
Address:
0x00
Type:
W
Reset:
0x00
B_COUNTER
B counter register
Address:
0x01
Type:
W
Reset:
0x00
Description:
Most significant bits of the B counter value
7
654
3210
ALC_PD
PKD_EN
PD[4:0]
B11
W
WWW
[7] ALC_PD: for test purpose only must be set to ’0’. (ALC ON)
[6] PKD_EN: for test purpose only must be set to ’0’. (Peak detector output on pin 36 OFF)
[5:1] PD[4:0]: bits used to select different functional modes for the STW82101B according to
the following table
00000: (0 decimal) Power down mode
00001: (1 decimal) Standard Mode VCOA (VCOA and RX chain ON)
00010: (2 decimal) Standard Mode VCOB (VCOB and RX chain ON)
00011: (3 decimal). Diversity Slave Mode (ExtVCO/LO input buffer and RX Chain ON;
internal synthesizer OFF)
00100: (4 decimal) Diversity Master Mode VCOA (VCOA, RX Chain and LO output
buffer ON)
00101: (5 decimal) Diversity Master Mode VCOB (VCOB, RX Chain and LO output
buffer ON)
00110: (6 decimal) External LO Standard Mode (RX Chain ON; PLL and ExtVCO/LO
input buffer ON)
00111: (7 decimal) External LO Diversity Master Mode (RX Chain ON; PLL, ExtVCO/LO
input buffer and LO output buffer ON)
[0] B11: B counter value (bits B[10:0] in the B_COUNTER and A_COUNTER registers)
7
654
3210
B[10:3]
W
[7:0] B[10:3]: B counter value (bit B11 in the FUNCTIONAL_MODE register, bits B[2:0] in the
A_COUNTER register)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com