Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW82101B Datasheet(PDF) 23 Page - STMicroelectronics

Part # STW82101B
Description  RF down converter with embedded integer-N synthesizer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW82101B Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STW82101B Datasheet HTML 19Page - STMicroelectronics STW82101B Datasheet HTML 20Page - STMicroelectronics STW82101B Datasheet HTML 21Page - STMicroelectronics STW82101B Datasheet HTML 22Page - STMicroelectronics STW82101B Datasheet HTML 23Page - STMicroelectronics STW82101B Datasheet HTML 24Page - STMicroelectronics STW82101B Datasheet HTML 25Page - STMicroelectronics STW82101B Datasheet HTML 26Page - STMicroelectronics STW82101B Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 68 page
background image
STW82101B
Typical performance characteristics
Doc ID 018503 Rev 3
23/68
Figure 7.
LOA (VCOA div. by 4) closed-loop phase noise at 0.94 GHz (FSTEP =
200 kHz, ICP = 1.5 mA)
Figure 8.
LOB (VCOB div. by 4) closed-loop phase noise at 1.1 GHz (FSTEP =
200 kHz, ICP = 1.5 mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com