Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL01GS Datasheet(PDF) 36 Page - SPANSION

Part # S29GL01GS
Description  GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GS Datasheet(HTML) 36 Page - SPANSION

Back Button S29GL01GS Datasheet HTML 32Page - SPANSION S29GL01GS Datasheet HTML 33Page - SPANSION S29GL01GS Datasheet HTML 34Page - SPANSION S29GL01GS Datasheet HTML 35Page - SPANSION S29GL01GS Datasheet HTML 36Page - SPANSION S29GL01GS Datasheet HTML 37Page - SPANSION S29GL01GS Datasheet HTML 38Page - SPANSION S29GL01GS Datasheet HTML 39Page - SPANSION S29GL01GS Datasheet HTML 40Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 104 page
background image
36
GL-S MirrorBit® Family
S29GL_128S_01GS_00_06 March 16, 2012
Da ta
Sh e e t
5.3.6.4
Lock Register ASO
The system can access the Lock Register by issuing the Lock Register entry command sequence during
Read Mode. This entry command does not use a sector address from the entry command. The Lock Register
appears at word location 0 in the device address space. All other locations in the device address space are
undefined.
The Lock Register ASO allows the following activities:
 Read Lock Register, using device address location 0.
 Program the customer Lock Register using a modified Word Programming command.
 ASO Exit using legacy Command Set Exit command for backward software compatibility.
 ASO Exit using the common exit command for all ASO - alternative for a consistent exit method.
5.3.6.5
Password ASO
The system can access the Password ASO by issuing the Password entry command sequence during Read
Mode. This entry command does not use a sector address from the entry command. The Password appears
at word locations 0 to 3 in the device address space. All other locations in the device address space are
undefined.
The Password ASO allows the following activities:
 Read Password, using device address location 0 to 3.
 Program the Password using a modified Word Programming command.
 Unlock the PPB Lock bit with the Password Unlock command.
 ASO Exit using legacy Command Set Exit command for backward software compatibility.
 ASO Exit using the common exit command for all ASO - alternative for a consistent exit method.
5.3.6.6
PPB ASO
The system can access the PPB ASO by issuing the PPB entry command sequence during Read Mode. This
entry command does not use a sector address from the entry command. The PPB bit for a sector appears in
bit 0 of all word locations in the sector.
The PPB ASO allows the following activities:
 Read PPB protection status of a sector in bit 0 of any word in the sector.
 Program the PPB bit using a modified Word Programming command.
 Erase all PPB bits with the PPB erase command.
 ASO Exit using legacy Command Set Exit command for backward software compatibility.
 ASO Exit using the common exit command for all ASO - alternative for a consistent exit method.
5.3.6.7
PPB Lock ASO
The system can access the PPB Lock ASO by issuing the PPB Lock entry command sequence during Read
Mode. This entry command does not use a sector address from the entry command. The global PPB Lock bit
appears in bit 0 of all word locations in the device.
The PPB Lock ASO allows the following activities:
 Read PPB Lock protection status in bit 0 of any word in the device address space.
 Set the PPB Lock bit using a modified Word Programming command.
 ASO Exit using legacy Command Set Exit command for backward software compatibility.
 ASO Exit using the common exit command for all ASO - alternative for a consistent exit method.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com