Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL01GS Datasheet(PDF) 66 Page - SPANSION

Part # S29GL01GS
Description  GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GS Datasheet(HTML) 66 Page - SPANSION

Back Button S29GL01GS Datasheet HTML 62Page - SPANSION S29GL01GS Datasheet HTML 63Page - SPANSION S29GL01GS Datasheet HTML 64Page - SPANSION S29GL01GS Datasheet HTML 65Page - SPANSION S29GL01GS Datasheet HTML 66Page - SPANSION S29GL01GS Datasheet HTML 67Page - SPANSION S29GL01GS Datasheet HTML 68Page - SPANSION S29GL01GS Datasheet HTML 69Page - SPANSION S29GL01GS Datasheet HTML 70Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 104 page
background image
66
GL-S MirrorBit® Family
S29GL_128S_01GS_00_06 March 16, 2012
Da ta
Sh e e t
7.4
Ready/Busy# (RY/BY#)
RY/BY# is a dedicated, open drain output pin that indicates whether an Embedded Algorithm, Power-On
Reset (POR), or Hardware Reset is in progress or complete. The RY/BY# status is valid after the rising edge
of the final WE# pulse in a command sequence, when VCC is above VCC minimum during POR, or after the
falling edge of RESET#. Since RY/BY# is an open drain output, several RY/BY# pins can be tied together in
parallel with a pull up resistor to VIO.
If the output is Low (Busy), the device is actively erasing, programming, or resetting. (This includes
programming in the Erase Suspend mode). If the output is High (Ready), the device is ready to read data
(including during the Erase Suspend mode), or is in the standby mode.
Table 5.3, Data Polling Status on page 42 shows the outputs for RY/BY# in each operation.
If an Embedded algorithm has failed (Program / Erase failure as result of max pulses or Sector is locked),
RY/BY# will stay Low (busy) until status register bits 4 and 5 are cleared and the reset command is issued.
This includes Erase or Programming on a locked sector.
7.5
Hardware Reset
The RESET# input provides a hardware method of resetting the device to standby state. When RESET# is
driven Low for at least a period of tRP, the device immediately:
 terminates any operation in progress,
 exits any ASO,
 tristates all outputs,
 resets the Status Register,
 resets the EAC to standby state.
 CE# is ignored for the duration of the reset operation (t
RPH).
 To meet the Reset current specification (I
CC5) CE# must be held High.
To ensure data integrity any operation that was interrupted should be reinitiated once the device is ready to
accept another command sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com