Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL01GS Datasheet(PDF) 18 Page - SPANSION

Part # S29GL01GS
Description  GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GS Datasheet(HTML) 18 Page - SPANSION

Back Button S29GL01GS Datasheet HTML 14Page - SPANSION S29GL01GS Datasheet HTML 15Page - SPANSION S29GL01GS Datasheet HTML 16Page - SPANSION S29GL01GS Datasheet HTML 17Page - SPANSION S29GL01GS Datasheet HTML 18Page - SPANSION S29GL01GS Datasheet HTML 19Page - SPANSION S29GL01GS Datasheet HTML 20Page - SPANSION S29GL01GS Datasheet HTML 21Page - SPANSION S29GL01GS Datasheet HTML 22Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 104 page
background image
18
GL-S MirrorBit® Family
S29GL_128S_01GS_00_06 March 16, 2012
Da ta
Sh e e t
3.
Data Protection
The device offers several features to prevent malicious or accidental erasure of any sector via hardware
means.
3.1
Device Protection Methods
3.1.1
Power-Up Write Inhibit
RESET#, CE#, WE#, and, OE# are ignored during Power-On Reset (POR). During POR, the device can not
be selected, will not accept commands on the rising edge of WE#, and does not drive outputs. The Host
Interface Controller (HIC) and Embedded Algorithm Controller (EAC) are reset to their standby states, ready
for reading array data, during POR. CE# or OE# must go to VIH before the end of POR (tVCS).
At the end of POR the device conditions are:
 all internal configuration information is loaded,
 the device is in read mode,
 the Status Register is at default value,
 all bits in the DYB ASO are set to un-protect all sectors,
 the Write Buffer is loaded with all 1’s,
 the EAC is in the standby state.
3.1.2
Low VCC Write Inhibit
When VCC is less than VLKO, the HIC does not accept any write cycles and the EAC resets. This protects data
during VCC power-up and power-down. The system must provide the proper signals to the control pins to
prevent unintentional writes when VCC is greater than VLKO.
3.2
Command Protection
Embedded Algorithms are initiated by writing command sequences into the EAC command memory. The
command memory array is not readable by the host system and has no ASO. Each host interface write is a
command or part of a command sequence to the device. The EAC examines the address and data in each
write transfer to determine if the write is part of a legal command sequence. When a legal command
sequence is complete the EAC will initiate the appropriate EA.
Writing incorrect address or data values, or writing them in an improper sequence, will generally result in the
EAC returning to its Standby state. However, such an improper command sequence may place the device in
an unknown state, in which case the system must write the reset command, or possibly provide a hardware
reset by driving the RESET# signal Low, to return the EAC to its Standby state, ready for random read.
The address provided in each write may contain a bit pattern used to help identify the write as a command to
the device. The upper portion of the address may also select the sector address on which the command
operation is to be performed. The Sector Address (SA) includes A
MAX through A16 flash address bits (system
byte address signals amax through a17). A command bit pattern is located in A10 to A0 flash address bits
(system byte address signals a11 through a1).
The data in each write may be: a bit pattern used to help identify the write as a command, a code that
identifies the command operation to be performed, or supply information needed to perform the operation.
See Table 6.1 on page 57 for a listing of all commands accepted by the device.
3.3
Secure Silicon Region (OTP)
The Secure Silicon Region (SSR) provides an extra flash memory area that can be programmed once and
permanently protected from further changes i. e. it is a One Time Program (OTP) area. The SSR is
1024 bytes in length. It consists of 512 bytes for Factory Locked Secure Silicon Region and 512 bytes for
Customer Locked Secure Silicon Region.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com