Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL01GS Datasheet(PDF) 22 Page - SPANSION

Part # S29GL01GS
Description  GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GS Datasheet(HTML) 22 Page - SPANSION

Back Button S29GL01GS Datasheet HTML 18Page - SPANSION S29GL01GS Datasheet HTML 19Page - SPANSION S29GL01GS Datasheet HTML 20Page - SPANSION S29GL01GS Datasheet HTML 21Page - SPANSION S29GL01GS Datasheet HTML 22Page - SPANSION S29GL01GS Datasheet HTML 23Page - SPANSION S29GL01GS Datasheet HTML 24Page - SPANSION S29GL01GS Datasheet HTML 25Page - SPANSION S29GL01GS Datasheet HTML 26Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 104 page
background image
22
GL-S MirrorBit® Family
S29GL_128S_01GS_00_06 March 16, 2012
Da ta
Sh e e t
If both lock bits are selected to be programmed at the same time, the operation will abort. Once the Password
Mode Lock Bit is programmed, the Persistent Mode Lock Bit is permanently disabled and no changes to the
protection scheme are allowed. Similarly, if the Persistent Mode Lock Bit is programmed, the Password Mode
is permanently disabled.
If the password mode is chosen, the password must be programmed prior to setting the corresponding lock
register bit. After the Password Protection Mode Lock Bit is programmed, a power cycle, hardware reset, or
PPB Lock Bit Set command is required to set the PPB Lock bit to 0 to protect the PPB array.
The programming time of the Lock Register is the same as the typical word programming time. During a Lock
Register programming EA, Data polling Status DQ6 Toggle Bit I will toggle until the programming has
completed. The system can also determine the status of the lock register programming by reading the Status
Register. See Status Register on page 37 for information on these status bits.
The user is not required to program DQ2 or DQ1, and DQ6 or DQ0 bits at the same time. This allows the user
to lock the SSR before or after choosing the device protection scheme. When programming the Lock Bits, the
Reserved Bits must be 1 (masked).
3.4.8
Persistent Protection Mode
The Persistent Protection method sets the PPB Lock to 1 during POR or Hardware Reset so that the PPB bits
are unprotected by a device reset. There is a command to clear the PPB Lock bit to 0 to protect the PPB.
There is no command in the Persistent Protection method to set the PPB Lock bit to 1 therefore the PPB Lock
bit will remain at 0 until the next power-off or hardware reset.
3.4.9
Password Protection Mode
3.4.9.1
PPB Password Protection Mode
PPB Password Protection Mode allows an even higher level of security than the Persistent Sector Protection
Mode, by requiring a 64-bit password for setting the PPB Lock. In addition to this password requirement, after
power up and reset, the PPB Lock is cleared to 0 to ensure protection at power-up. Successful execution of
the Password Unlock command by entering the entire password sets the PPB Lock to 1, allowing for sector
PPB modifications.
Password Protection Notes:
 The Password Program Command is only capable of programming 0’s.
 The password is all 1’s when shipped from Spansion. It is located in its own memory space and is
accessible through the use of the Password Program and Password Read commands.
 All 64-bit password combinations are valid as a password.
 Once the Password is programmed and verified, the Password Mode Locking Bit must be set in order to
prevent reading the password.
 The Password Mode Lock Bit, once programmed, prevents reading the 64-bit password on the data bus
and further password programming. All further program and read commands to the password region are
disabled and these commands are ignored. There is no means to verify what the password is after the
Password Protection Mode Lock Bit is programmed. Password verification is only allowed before selecting
the Password Protection mode.
 The Password Mode Lock Bit is not erasable.
 The exact password must be entered in order for the unlocking function to occur. If the password unlock
command provided password does not match the hidden internal password, the unlock operation fails in
the same manner as a programming operation on a protected sector. The status register will return to the
ready state with the Program Status Bit set to 1 indicating a failed programming operation due to a locked
sector. In this case it is a failure to change the state of the PPB Lock bit because it is still protected by the
lack of a valid password. The data polling status will remain active, with DQ7 set to the complement of the
DQ7 bit in the last word of the password unlock command, and DQ6 toggling.
 The device requires approximately 100 µs for setting the PPB Lock after the valid 64-bit password is given
to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com