Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL01GS Datasheet(PDF) 86 Page - SPANSION

Part # S29GL01GS
Description  GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GS Datasheet(HTML) 86 Page - SPANSION

Back Button S29GL01GS Datasheet HTML 82Page - SPANSION S29GL01GS Datasheet HTML 83Page - SPANSION S29GL01GS Datasheet HTML 84Page - SPANSION S29GL01GS Datasheet HTML 85Page - SPANSION S29GL01GS Datasheet HTML 86Page - SPANSION S29GL01GS Datasheet HTML 87Page - SPANSION S29GL01GS Datasheet HTML 88Page - SPANSION S29GL01GS Datasheet HTML 89Page - SPANSION S29GL01GS Datasheet HTML 90Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 104 page
background image
86
GL-S MirrorBit® Family
S29GL_128S_01GS_00_06 March 16, 2012
Da ta
Sh e e t
Figure 10.13 Read to Write (CE# Toggle) Operation Timing Diagram
Notes:
1. Not 100% tested.
2. Upon the rising edge of WE#, must wait tSR/W before switching to another address.
3. See Table 5.4 on page 46 and Table 5.5 on page 47 for specific values.
Table 10.7 Erase/Program Operations
Parameter
Description
VIO = 2.7V
to VCC
VIO = 1.65V
to VCC
Unit
JEDEC
Std
tWHWH1
tWHWH1
Write Buffer Program Operation
Typ
(Note 3)
µs
Effective Write Buffer Program Operation per Word
Typ
(Note 3)
µs
Program Operation per Word or Page
Typ
(Note 3)
µs
tWHWH2
tWHWH2
Sector Erase Operation (Note 1)
Typ
(Note 3)
ms
tBUSY
Erase/Program Valid to RY/BY# Delay
Max
80
ns
tSR/W
Latency between Read and Write operations (Note 2)
Min
10
ns
tESL
Erase Suspend Latency
Max
(Note 3)
µs
tPSL
Program Suspend Latency
Max
(Note 3)
µs
tRB
RY/BY# Recovery Time
Min
0
µs
Amax-A0
CE#
OE#
WE#
DQ15-A0
tACC
tOE
tCE
tAS
tCS
tDS
tAH
tDH
tWP
tCH
tOH
tOH
tOH
tDF
tDF
tGHWL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com