Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL01GS Datasheet(PDF) 40 Page - SPANSION

Part # S29GL01GS
Description  GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GS Datasheet(HTML) 40 Page - SPANSION

Back Button S29GL01GS Datasheet HTML 36Page - SPANSION S29GL01GS Datasheet HTML 37Page - SPANSION S29GL01GS Datasheet HTML 38Page - SPANSION S29GL01GS Datasheet HTML 39Page - SPANSION S29GL01GS Datasheet HTML 40Page - SPANSION S29GL01GS Datasheet HTML 41Page - SPANSION S29GL01GS Datasheet HTML 42Page - SPANSION S29GL01GS Datasheet HTML 43Page - SPANSION S29GL01GS Datasheet HTML 44Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 104 page
background image
40
GL-S MirrorBit® Family
S29GL_128S_01GS_00_06 March 16, 2012
Da ta
Sh e e t
5.4.2.2
DQ6: Toggle Bit I
Toggle Bit I on DQ6 indicates whether an Embedded Program or Erase algorithm is in progress or complete,
or whether the device has entered the Program Suspend or Erase Suspend mode. Toggle Bit I may be read
at any address, and is valid after the rising edge of the final WE# pulse in the command sequence (prior to the
program or erase operation).
During an Embedded Program or Erase algorithm operation, successive read cycles to any address cause
DQ6 to toggle. (The system may use either OE# or CE# to control the read cycles). When the operation is
complete, DQ6 stops toggling.
After an erase command sequence is written, if the sector selected for erasing is protected, DQ6 toggles for
approximately 100 µs, then the EAC returns to standby (read mode). If the selected sector is not protected,
the Embedded Erase algorithm erases the unprotected sector.
The system can use DQ6 and DQ2 together to determine whether a sector is actively erasing or erase-
suspended. When the device is actively erasing (that is, the Embedded Erase algorithm is in progress), DQ6
toggles. When the device enters the Program Suspend mode or Erase Suspend mode, DQ6 stops toggling.
However, the system must also use DQ2 to determine which sectors are erasing, or erase-suspended.
Alternatively, the system can use DQ7 (see DQ7: Data# Polling on page 39).
DQ6 also toggles during the erase-suspend-program mode, and stops toggling once the Embedded Program
algorithm is complete.
Table 5.3 on page 42 shows the outputs for Toggle Bit I on DQ6. Figure 5.6 on page 41 shows the toggle bit
algorithm in flowchart form, and the Reading Toggle Bits DQ6/DQ2 on page 41 explains the algorithm.
Figure 5.6 on page 41 shows the toggle bit timing diagrams. Figure 5.2 on page 29 shows the differences
between DQ2 and DQ6 in graphical form. See also DQ2: Toggle Bit II on page 40.
5.4.2.3
DQ3: Sector Erase Timer
After writing a sector erase command sequence, the system may read DQ3 to determine whether or not
erasure has begun. See Sector Erase on page 33 for more details.
After the sector erase command is written, the system should read the status of DQ7 (Data# Polling) or DQ6
(Toggle Bit I) to ensure that the device has accepted the command sequence, and then read DQ3. If DQ3 is
1, the Embedded Erase algorithm has begun; all further commands (except Erase Suspend) are ignored until
the erase operation is complete. Table 5.3 on page 42 shows the status of DQ3 relative to the other status
bits.
5.4.2.4
DQ2: Toggle Bit II
Toggle Bit II on DQ2, when used with DQ6, indicates whether a particular sector is actively erasing (that is,
the Embedded Erase algorithm is in progress), or whether that sector is erase-suspended. Toggle Bit II is
valid after the rising edge of the final WE# pulse in the command sequence.
DQ2 toggles when the system reads at addresses within the sector selected for erasure. (The system may
use either OE# or CE# to control the read cycles). But DQ2 cannot distinguish whether the sector is actively
erasing or is erase-suspended. DQ6, by comparison, indicates whether the device is actively erasing, or is in
Erase Suspend, but cannot distinguish if the sector is selected for erasure. Thus, both status bits are required
for sector and mode information. Refer to Table 5.3 on page 42 to compare outputs for DQ2 and DQ6.
Figure 5.5 on page 39 shows the toggle bit algorithm in flowchart form, and the Reading Toggle Bits DQ6/
DQ2 on page 41 explains the algorithm. See also Figure 5.6 on page 41 shows the toggle bit timing diagram.
Figure 5.2 on page 29 shows the differences between DQ2 and DQ6 in graphical form.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com