Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL01GS Datasheet(PDF) 15 Page - SPANSION

Part # S29GL01GS
Description  GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GS Datasheet(HTML) 15 Page - SPANSION

Back Button S29GL01GS Datasheet HTML 11Page - SPANSION S29GL01GS Datasheet HTML 12Page - SPANSION S29GL01GS Datasheet HTML 13Page - SPANSION S29GL01GS Datasheet HTML 14Page - SPANSION S29GL01GS Datasheet HTML 15Page - SPANSION S29GL01GS Datasheet HTML 16Page - SPANSION S29GL01GS Datasheet HTML 17Page - SPANSION S29GL01GS Datasheet HTML 18Page - SPANSION S29GL01GS Datasheet HTML 19Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 104 page
background image
March 16, 2012 S29GL_128S_01GS_00_06
GL-S MirrorBit® Family
15
Data
She e t
2.2.1
Device ID
The Joint Electron Device Engineering Council (JEDEC) standard JEP106T defines the manufacturer ID for a
compliant memory. Common industry usage defined a method and format for reading the manufacturer ID
and a device specific ID from a memory device. The manufacturer and device ID information is primarily
intended for programming equipment to automatically match a device with the corresponding programming
algorithm. Spansion has added additional fields within this 32-byte address space.
The original industry format was structured to work with any memory data bus width e. g. x8, x16, x32. The ID
code values are traditionally byte wide but are located at bus width address boundaries such that
incrementing the device address inputs will read successive byte, word, or double word locations with the ID
codes always located in the least significant byte location of the data bus. Because the device data bus is
word wide each code byte is located in the lower half of each word location. The original industry format made
the high order byte always 0. Spansion has modified the format to use both bytes in some words of the
address space. For the detail description of the Device ID address map see Table 6.2 on page 60.
2.2.2
Common Flash Memory Interface
The JEDEC Common Flash Interface (CFI) specification (JESD68.01) defines a standardized data structure
that may be read from a flash memory device, which allows vendor-specified software algorithms to be used
for entire families of devices. The data structure contains information for system configuration such as various
electrical and timing parameters, and special functions supported by the device. Software support can then
be device-independent, Device ID-independent, and forward-and-backward-compatible for entire Flash
device families.
The system can read CFI information at the addresses within the selected sector as shown in Device ID and
Common Flash Interface (ID-CFI) ASO Map on page 60.
Like the Device ID information, CFI information is structured to work with any memory data bus width e. g. x8,
x16, x32. The code values are always byte wide but are located at data bus width address boundaries such
that incrementing the device address reads successive byte, word, or double word locations with the codes
always located in the least significant byte location of the data bus. Because the data bus is word wide each
code byte is located in the lower half of each word location and the high order byte is always 0.
For further information, please refer to the Spansion CFI Specification, Version 1.4 (or later), and the JEDEC
publications JEP137-A and JESD68.01. Please contact JEDEC (http://www.jedec.org/) for their standards
and the Spansion CFI Specification may be found at the Spansion Web site
(http://www.spansion.com/Support/TechnicalDocuments/Pages/ApplicationNotes.aspx at the time of this
document's publication) or by contacting a local Spansion sales office listed on the web site.
2.3
Status Register ASO
The Status register ASO contains a single word of registered volatile status for Embedded Algorithms. When
the Status Register read command is issued, the current status is captured by the register and the ASO is
entered. The Status Register content appears at all word locations in the device address space. However, it is
recommended to read the status only at word location 0 for future compatibility. The first read access in the
Status Register ASO exits the ASO and returns to the address space map in use when the Status Register
read command was issued.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com